Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC-CX1D Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # FC-CX1D
Description  EMC Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

FC-CX1D Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  FC-CX1D Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. FC-CX1D Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. FC-CX1D Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. FC-CX1D Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. FC-CX1D Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EMC Filter
FC-CxxD Series
2014.07.23-A/4
Page1 of5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
EMC Filter
l
FEATURES
l
Compact size
l
Cost-effective
l
Meet IEC/EN61000-4 series standard and
l
CISPR22/EN55022
l
Meet railway industry EN50155 standard
l
Input reverse polarity protection
l
Efficiency up to 98%
l
Mounting: PCB mounting, chassis mounting with
screw terminals, DIN-Rail mounting
RoHS
This model applies to analog circuit which is noise-sensitive. Put FC-CxxD on to the input of DC/DC module can ensure the module meet
the EMC request of EN50155 standard.
FC-CXXD used with the MORNSUN DC/DC railway module. DC/DC railway module
’s max. Input voltage must less than FC-CXXD’s max.
Voltage.
Selection Guide
Model
Input Voltage Range (VDC)
Max. output power(W)
FC-C01D
77-160
10
FC-CX1D
40-160
30
FC-C03D
40-160
50
Note: series with suffix “A2S” are chassis mounting, with suffix “A4S” are DIN-Rail mounting, for example FC-C01DA4S.
Input Specifications
Item
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating temperature range
40
110
160
VDC
No-load Current
FC-C01D&FC-CX1D
110VDC @ No-load
--
--
1
mA
FC-C03D
--
--
3
Output Specifications
Item
Test Conditions
Min.
Typ.
Max.
Unit
Efficiency
FC-C01D
110VDC @0.094A
--
95
--
%
FC-CX1D
110VDC @0.276A
--
98
--
FC-C03D
110VDC @0.457A
--
98
--
VDC
Max. Output Voltage Limit*
Operating temperature range
--
165
--
Note: * Products continue to work in the Max. Output Voltage Limit will be failures and damage.
General Specifications
Item
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-40
--
85
Storage Temperature
-55
--
125
Storage Humidity
5
--
95
%
Casing Temperature Rise
110VDC @Full load
--
25
--
Withstand voltage
+Vin~
, -Vin~
,
leakage current<5mA
FC-C01D&FC-CX1D
--
--
500
VAC
FC-C03D
--
1500
--
MTBF
MIL-HDBK-217F@40℃
--
1200
--
K hours


Similar Part No. - FC-CX1D

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
FC-CRYSTALS EUROQUARTZ-FC-CRYSTALS Datasheet
79Kb / 1P
   SURFACE-MOUNT CRYSTALS
More results

Similar Description - FC-CX1D

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
FC-E03D MORNSUN-FC-E03D Datasheet
1Mb / 6P
   EMC Filter
FC-L01D2 MORNSUN-FC-L01D2 Datasheet
350Kb / 5P
   EMC Filter
FL4D-X1-302 MORNSUN-FL4D-X1-302 Datasheet
161Kb / 2P
   EMC Filter
FC-LX1D MORNSUN-FC-LX1D Datasheet
547Kb / 7P
   EMC Filter
FS-A01D MORNSUN-FS-A01D Datasheet
249Kb / 3P
   EMC Filter
FC-B02D MORNSUN-FC-B02D Datasheet
1Mb / 4P
   EMC Filter
FC-LX1D2 MORNSUN-FC-LX1D2 Datasheet
2Mb / 8P
   EMC Filter
FC-L01D MORNSUN-FC-L01D Datasheet
350Kb / 5P
   EMC Filter
FC-L01DV1 MORNSUN-FC-L01DV1 Datasheet
193Kb / 3P
   EMC Filter
FI-B03D MORNSUN-FI-B03D Datasheet
277Kb / 3P
   EMC Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com