Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC-L01D Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # FC-L01D
Description  EMC Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

FC-L01D Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  FC-L01D Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. FC-L01D Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. FC-L01D Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. FC-L01D Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. FC-L01D Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EMC Filter
FC-L01D & FC-L01D2 Series
2014.02.18-A/4
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
EMC Filter
FEATURES
Compact size
Design to suppress the AC power surge to achieve
primary protection
Ensure the power supply module to meet the
requirement of CISPR22/ EN55022 Class B
Cost-effective
Low Temperature rise
Mounting: PCB mounting, Chassis mounting with
Screw Terminals, DIN-Rail mounting
RoHS
This model applies to analog circuit which is noise-sensitive. Put FC-L01D on to the input of AC/DC module can ensure the module meet
Surge level of IEC/EN61000-4-5 ±2KV (2internal resistance)/±4KV (12internal resistance). Put FC-L01D2 on to the input of AC/DC module
can ensure the module meet Surge level of IEC/EN61000-4-5 ±4KV (2internal resistance)/±6KV (12internal resistance) and EMI
requirement of CISPR22 /EN 55022 Class B.
EMC filter used with the MORNSUN AC/DC module, AC/DC module’s max. Input voltage must less than EMC filter’s max. Voltage, AC/DC
module’s max. Input current must less than EMC filter’s nominal current.
Selection Guide
Model
Input Voltage Range (VAC)
Nominal Current (A)(max)
FC-L01D
85-305
0.5
FC-L01D2
85-305
0.5
Note: series with suffix “A2” are chassis mounting, with suffix “A4” are DIN-Rail mounting, for example FC-L01DA4.
General Specifications
Item
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-40
--
85
°
C
Storage Temperature
-55
--
125
Casing Temperature Rise
220VAC @0.05A
--
--
5
220VAC @0.25A
--
--
20
220VAC @0.5A
--
--
30
Test Voltage (L/PE, N/PE)
Tested for 1 minute and leakage current: 1 mA
--
2
--
KVAC
General Specifications
Casing Material
Black flame-retardant heat-proof epoxy resin (UL94-V0)
Package Dimensions
FC-L01D
Horizontal package
48.50X36.00X20.50 mm
A2 wiring package
96.10X54.00X29.00 mm
A4 rail package
96.10X54.00X33.60 mm
FC-L01D2
Horizontal package
62.00X45.00X22.50 mm
A2 wiring package
96.10X54.00X31.00 mm
A4 rail package
96.10X54.00X35.60 mm
Weight
FC-L01D
Horizontal package/A2 wiring package/
A4 rail package
50g/100g/140g(Typ.)
FC-L01D2
85g/135g/175g(Typ.)
Frequency Attenuation Specifications
Item
Test Conditions
Min.
Typ.
Max.
Unit
The attenuation coefficient of frequency 150KHz—1GHz
FC-L01D
--
20
--
dB
FC-L01D2
--
30
--


Similar Part No. - FC-L01D

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
FC-L01D2 MORNSUN-FC-L01D2 Datasheet
350Kb / 5P
   EMC Filter
FC-L01DV1 MORNSUN-FC-L01DV1 Datasheet
193Kb / 3P
   EMC Filter
More results

Similar Description - FC-L01D

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
FC-CXXD MORNSUN-FC-CXXD Datasheet
648Kb / 5P
   EMC Filter
FC-E03D MORNSUN-FC-E03D Datasheet
1Mb / 6P
   EMC Filter
FC-L01D2 MORNSUN-FC-L01D2 Datasheet
350Kb / 5P
   EMC Filter
FL4D-X1-302 MORNSUN-FL4D-X1-302 Datasheet
161Kb / 2P
   EMC Filter
FC-LX1D MORNSUN-FC-LX1D Datasheet
547Kb / 7P
   EMC Filter
FS-A01D MORNSUN-FS-A01D Datasheet
249Kb / 3P
   EMC Filter
FC-B02D MORNSUN-FC-B02D Datasheet
1Mb / 4P
   EMC Filter
FC-LX1D2 MORNSUN-FC-LX1D2 Datasheet
2Mb / 8P
   EMC Filter
FC-L01DV1 MORNSUN-FC-L01DV1 Datasheet
193Kb / 3P
   EMC Filter
FI-B03D MORNSUN-FI-B03D Datasheet
277Kb / 3P
   EMC Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com