Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST3906T116 Datasheet(PDF) 1 Page - Rohm

Part # SST3906T116
Description  PNP General Purpose Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SST3906T116 Datasheet(HTML) 1 Page - Rohm

  SST3906T116 Datasheet HTML 1Page - Rohm SST3906T116 Datasheet HTML 2Page - Rohm SST3906T116 Datasheet HTML 3Page - Rohm SST3906T116 Datasheet HTML 4Page - Rohm SST3906T116 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UMT3906/SST3906/MMST3906
Transistors
Rev.B
1/4
PNP General Purpose Transistor
UMT3906 /SST3906 /MMST3906
Features
1) BVCEO>−40V (IC=−1mA)
2) Complements the T3904/SST3904/MMST3909.
3) Low capacitance.
Package, marking, and packaging specifications
Absolute maximum ratings (Ta=25
°C)
Dimensions (Unit : mm)
UMT3906
SST3906
MMST3906
ROHM : UMT3
EIAJ : SC-70
(1) Emitter
(2) Base
(3) Collector
ROHM : SST3
(1) Emitter
(2) Base
(3) Collector
ROHM : SMT3
EIAJ : SC-59
(1) Emitter
(2) Base
(3) Collector
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
Min.
Max.
Typ.
−40
−40
−5
−50
−50
−0.25
−0.85
−0.95
−0.4
−0.65
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Emitter cutoff current
ICES
IEBO
−−
Collector cutoff current
Emitter input capacitance
Delay time
Rise time
Storage tiem
Fall time
Collector-emitter saturation voltage
Base-emitter saturation voltage
VCE(sat)
VBE(sat)
DC current transfer ratio
Transition frequency
Collector output capacitance
hFE
Cob
Cib
fT
60
60
30
250
4.5
10
35
35
225
75
80
100
300
td
tr
tstg
tf
V
V
V
V
V
nA
nA
MHz
pF
pF
ns
ns
ns
ns
IC=
−10µA
IC=
−1mA
IE=
−10µA
VCB=
−30V
VEB=
−3V
VCE=
−1V, IC= −0.1mA
VCE=
−1V, IC= −1mA
VCE=
−1V, IC= −10mA
VCE=
−1V, IC= −50mA
VCE=
−1V, IC= −100mA
VCE=
−20V, IE=10mA, f=100MHz
VCB=
−10V, f=100kHz, IE=0A
VCB=
−0.5V, f=100kHz, IC=0A
VCC=
−3V, VBE(OFF)= −0.5V,IC= −10mA, IB1= −1mA
VCC=
−3V, VBE(OFF)= −0.5V,IC= −10mA, IB1= −1mA
VCC=
−3V, IC= −10mA, IB1= −IB2= −1mA
VCC=
−3V, IC= −10mA, IB1= −IB2= −1mA
IC/IB=
−10mA/ −1mA
IC/IB=
−10mA/ −1mA
IC/IB=
−50mA/ −5mA
IC/IB=
−50mA/ −5mA
Type
UMT3906
UMT3
R2A
T106
3000
SST3906
SST3
R2A
T116
3000
MMST3906
SMT3
R2A
T146
3000
Packaging type
Marking
Code
Basic ordering unit (pieces)
Parameter
Symbol
VCBO
VCEO
VEBO
Pd
Tj
Tstg
Limits
−40
−40
−5
6.2
0.35
SST3906,MMST3906
SST3906,MMST3906
UMT3906
150
−55 to +150
Unit
V
V
V
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
IO
−0.2
Collector current
Collector Power
dissipation
Junction temperature
Storage temperature
A
W
W
When mounted on a 7 5 0.6mm ceramic board.


Similar Part No. - SST3906T116

ManufacturerPart #DatasheetDescription
logo
Rohm
SST3906T116 ROHM-SST3906T116 Datasheet
101Kb / 6P
   PNP General Purpose Transistor
More results

Similar Description - SST3906T116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com