Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2704C Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM2704C
Description  Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2704C Datasheet(HTML) 1 Page - Texas Instruments

  PCM2704C_14 Datasheet HTML 1Page - Texas Instruments PCM2704C_14 Datasheet HTML 2Page - Texas Instruments PCM2704C_14 Datasheet HTML 3Page - Texas Instruments PCM2704C_14 Datasheet HTML 4Page - Texas Instruments PCM2704C_14 Datasheet HTML 5Page - Texas Instruments PCM2704C_14 Datasheet HTML 6Page - Texas Instruments PCM2704C_14 Datasheet HTML 7Page - Texas Instruments PCM2704C_14 Datasheet HTML 8Page - Texas Instruments PCM2704C_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Burr-BrownAudio
PCM2704C, PCM2705C
PCM2706C, PCM2707C
www.ti.com
SBFS036A – AUGUST 2011 – REVISED JULY 2012
Stereo Audio DAC with USB Interface,
Single-Ended Headphone Output and S/PDIF Output
Check for Samples: PCM2704C, PCM2705C, PCM2706C, PCM2707C
1
FEATURES
23456
• On-Chip USB Interface:
Up to Eight Human Interface Device (HID)
Interfaces (Model and Setting Dependent)
No Dedicated Device Driver Needed
Suspend Flag
Full-Speed Transceivers
S/PDIF Out with SCMS
Fully Compliant with USB 2.0 Specification
External ROM Interface (PCM2704C/6C)
USB 1.1 Descriptors with USB Audio
Class Support
Serial Programming Interface
(PCM2705C/7C)
Certified by USB-IF
I2S™ Interface (Selectable on
Partially Programmable Descriptors
PCM2706C/7C)
Adaptive Isochronous Transfer for
Packages:
Playback
28-Pin SSOP (PCM2704C/5C)
Bus-Powered or Self-Powered Operation
32-Pin TQFP (PCM2706C/7C)
Sampling Rates: 32 kHz, 44.1 kHz, 48 kHz
On-Chip Clock Generator with Single 12-MHz
APPLICATIONS
Clock Source
USB Headphones
Single Power Supply:
USB Audio Speaker
Bus-Powered: 5 V, Typical (VBUS)
USB CRT/LCD Monitor
Self-Powered: 3.3 V, Typical
USB Audio Interface Box
16-Bit Delta-Sigma Stereo DAC
USB-Featured Consumer Audio Product
Analog Performance at 5 V (Bus-Powered),
3.3 V (Self-Powered):
DESCRIPTION
THD+N: 0.006% RL > 10 kΩ, Self-
The PCM2704C/5C/6C/7C are TI's single-chip USB
Powered
stereo audio digital-to-analog converters (DACs) with
THD+N: 0.025% RL = 32 Ω
USB 2.0 compliant full-speed protocol controller and
SNR = 98 dB
S/PDIF. The USB-protocol controller works with no
software code, but USB descriptors can be modified
Dynamic Range: 98 dB
in some areas (for example, vendor ID/product ID)
PO = 12 mW, RL = 32 Ω
through the use of an external ROM (PCM2704C/6C)
Oversampling Digital Filter
or serial peripheral interface (SPI) (PCM2705C/7C).
The PCM2704C/5C/6C/7C also employ SpAct™
Passband Ripple = ±0.04 dB
architecture, TI's unique system that recovers the
Stop-Band Attenuation = –50 dB
audio clock from USB packet data. On-chip analog
Single-Ended Voltage Output
phase-locked
loops
(PLLs)
with
SpAct
enable
playback with low clock jitter.
Analog LPF Included
Multiple Functions:
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpAct is a trademark of Texas Instruments.
3
System Two, Audio Precision are trademarks of Audio Precision, Inc.
4
SPI is a trademark of Motorola, Inc.
5
I2S, I2C are trademarks of NXP Semiconductors.
6
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM2704C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704C TI-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output
PCM2704C TI1-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   Stereo Audio DAC
More results

Similar Description - PCM2704C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2707C TI-PCM2707C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output
PCM2704 TI-PCM2704 Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com