Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5614LA Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS5614LA
Description  150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5614LA Datasheet(HTML) 3 Page - Texas Instruments

  TAS5614LA_14 Datasheet HTML 1Page - Texas Instruments TAS5614LA_14 Datasheet HTML 2Page - Texas Instruments TAS5614LA_14 Datasheet HTML 3Page - Texas Instruments TAS5614LA_14 Datasheet HTML 4Page - Texas Instruments TAS5614LA_14 Datasheet HTML 5Page - Texas Instruments TAS5614LA_14 Datasheet HTML 6Page - Texas Instruments TAS5614LA_14 Datasheet HTML 7Page - Texas Instruments TAS5614LA_14 Datasheet HTML 8Page - Texas Instruments TAS5614LA_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TAS5614LA
www.ti.com
SLAS846 – MAY 2012
PIN FUNCTIONS
PIN NAME
PINOUT DDV-44
I/O/P(1)
DESCRIPTION
AVDD
13
P
Internal voltage regulator, analog section
BST_A
44
P
Bootstrap pin, A-side
BST_B
43
P
Bootstrap pin, B-side
BST_C
24
P
Bootstrap pin, C-side
BST_D
23
P
Bootstrap pin, D-side
CLIP
18
O
Clipping warning; open drain; active low
C_START
7
O
Startup ramp
DVDD
8
P
Internal voltage regulator, digital section
FAULT
16
O
Shutdown signal, open drain; active low
9, 10, 11, 12, 25,
GND
P
Ground
26, 33, 34, 41, 42
GVDD_AB
1
P
Gate-drive voltage supply; AB-side
GVDD_CD
22
P
Gate-drive voltage supply; CD-side
INPUT_A
5
I
PWM Input signal for half-bridge A
INPUT_B
6
I
PWM Input signal for half-bridge B
INPUT_C
14
I
PWM Input signal for half-bridge C
INPUT_D
15
I
PWM Input signal for half-bridge D
M1
19
I
Mode selection 1 (LSB)
M2
20
I
Mode selection 2
M3
21
I
Mode selection 3 (MSB)
OC_ADJ
3
O
Over-Current threshold programming pin
OTW
17
O
Over-temperature warning; open drain; active low
OUT_A
39, 40
O
Output, half-bridge A
OUT_B
35
O
Output, half-bridge B
OUT_C
32
O
Output, half-bridge C
OUT_D
27, 28
O
Output, half-bridge D
PVDD_AB
36, 37, 38
P
PVDD supply for half-bridge A and B
PVDD_CD
29, 30, 31
P
PVDD supply for half-bridge C and D
RESET
4
I
Device reset Input; active low
VDD
2
P
Input power supply
PowerPAD™
P
Ground, connect to grounded heat sink
(1)
I = Input, O = Output, P = Power
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE
DESCRIPTION
TAS5614LADDV
0°C–70°C
44 pin HTSSOP
TAS5614LADDVR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS5614LA


Similar Part No. - TAS5614LA_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5614LA TI-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5614LA 150-W Stereo and 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
More results

Similar Description - TAS5614LA_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5624A TI1-TAS5624A Datasheet
963Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI-TAS5624A_15 Datasheet
1Mb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5624A TI1-TAS5624A_16 Datasheet
1Mb / 39P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5614LA 150-W Stereo and 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI1-TAS5631_14 Datasheet
1Mb / 36P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com