Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5614LA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5614LA
Description  150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5614LA Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5614LA Datasheet HTML 6Page - Texas Instruments TAS5614LA Datasheet HTML 7Page - Texas Instruments TAS5614LA Datasheet HTML 8Page - Texas Instruments TAS5614LA Datasheet HTML 9Page - Texas Instruments TAS5614LA Datasheet HTML 10Page - Texas Instruments TAS5614LA Datasheet HTML 11Page - Texas Instruments TAS5614LA Datasheet HTML 12Page - Texas Instruments TAS5614LA Datasheet HTML 13Page - Texas Instruments TAS5614LA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TAS5614LA
SLAS846 – MAY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
PVDD_X = 36 V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 75°C, fS = 384 kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OTE-OTWdifferential
(1)
OTE-OTW differential
30
°C
A device reset is needed to clear
OTEHYST
(1)
25
°C
FAULT after an OTE event
OLPC
Overload protection counter
fPWM = 384 kHz
2.6
ms
Resistor – programmable, nominal peak current in
IOC
Overcurrent limit protection
15
A
1
Ω load, ROC = 24 kΩ
Resistor – programmable, nominal peak current in
IOC_LATCHED
Overcurrent limit protection, latched
15
A
1
Ω load, ROC = 62 kΩ
Time from application of short condition to Hi-Z of
IOCT
Overcurrent response time
150
ns
affected half bridge
Internal pulldown resistor at output of
Connected when RESET is active to provide
IPD
3
mA
each half bridge
bootstrap charge. Not used in SE mode.
STATIC DIGITAL SPECIFICATIONS
VIH
High level input voltage
1.9
V
INPUT_X, M1, M2, M3, RESET
VIL
Low level input voltage
0.8
V
LEAKAGE
Input leakage current
100
μA
OTW / SHUTDOWN (FAULT)
Internal pullup resistance, OTW, CLIP,
RINT_PU
20
26
33
k
FAULT to DVDD
VOH
High level output voltage
Internal pullup resistor
3
3.3
3.6
V
VOL
Low level output voltage
IO = 4mA
200
500
mV
FANOUT
Device fanout OTW, FAULT, CLIP
No external pullup
30
devices
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TAS5614LA


Similar Part No. - TAS5614LA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
TAS5614LADDV TI1-TAS5614LADDV Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LADDV TI1-TAS5614LADDV Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LADDVR TI1-TAS5614LADDVR Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
More results

Similar Description - TAS5614LA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5624A TI1-TAS5624A Datasheet
963Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI-TAS5624A_15 Datasheet
1Mb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5624A TI1-TAS5624A_16 Datasheet
1Mb / 39P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5614LA 150-W Stereo and 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI1-TAS5631_14 Datasheet
1Mb / 36P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com