Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5631 Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS5631
Description  300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5631 Datasheet(HTML) 2 Page - Texas Instruments

  TAS5631_14 Datasheet HTML 1Page - Texas Instruments TAS5631_14 Datasheet HTML 2Page - Texas Instruments TAS5631_14 Datasheet HTML 3Page - Texas Instruments TAS5631_14 Datasheet HTML 4Page - Texas Instruments TAS5631_14 Datasheet HTML 5Page - Texas Instruments TAS5631_14 Datasheet HTML 6Page - Texas Instruments TAS5631_14 Datasheet HTML 7Page - Texas Instruments TAS5631_14 Datasheet HTML 8Page - Texas Instruments TAS5631_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
PIN ONE LOCATION PHD PACKAGE
16
15
OC_ADJ
14
RESET
13
C_STARTUP
12
INPUT_A
11
INPUT_B
10
VI_CM
9
GND
8
AGND
7
VREG
6
INPUT_C
5
INPUT_D
4
TEST
3
2
1
SD
64-pins QFP package
33
GND_D
34
GND_C
_
35
GND_C
36
OUT_C
37
OUT_C
38
PVDD_C
39
PVDD_C
40
BST_C
41
BST_B
42
PVDD_B
43
OUT_B
44
GND_B
45
GND_A
46
47
48
OTW1
PVDD_B
OUT_B
GND_B
DKD PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
M3
OC_ADJ
VDD
PSU_REF
M2
M1
READY
OTW
SD
NC
NC
TEST
INPUT_D
INPUT_C
VREG
AGND
GND
VI_CM
INPUT_B
INPUT_A
C_STARTUP
RESET
GND_C
OUT_A
BST_A
OUT_B
BST_B
PVDD_B
PVDD_A
BST_C
PVDD_C
OUT_C
GND_A
GND_B
OUT_D
PVDD_D
BST_D
GND_D
GVDD_AB
GVDD_CD
PVDD_A
PVDD_D
OUT_D
OUT_A
PHD PACKAGE
(TOP VIEW)
Electrical Pin 1
NC
NC
Pin 1 Marker
White Dot
TAS5631
SLES221C – JULY 2009 – REVISED APRIL 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DEVICE INFORMATION
Terminal Assignment
Both package types contains a heat slug that is located on the top side of the device for convenient thermal
coupling to the heat sink.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5631
Not Recommended For New Designs


Similar Part No. - TAS5631_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631BDKD TI1-TAS5631BDKD Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631BDKDR TI1-TAS5631BDKDR Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631BPHD TI1-TAS5631BPHD Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631BPHDR TI1-TAS5631BPHDR Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
More results

Similar Description - TAS5631_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI1-TAS5630_10 Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5616 TI-TAS5616 Datasheet
1Mb / 33P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631B TI-TAS5631B_15 Datasheet
1Mb / 35P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BDKDR TI-TAS5630BDKDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com