Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5631 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5631
Description  300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5631 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5631 Datasheet HTML 1Page - Texas Instruments TAS5631 Datasheet HTML 2Page - Texas Instruments TAS5631 Datasheet HTML 3Page - Texas Instruments TAS5631 Datasheet HTML 4Page - Texas Instruments TAS5631 Datasheet HTML 5Page - Texas Instruments TAS5631 Datasheet HTML 6Page - Texas Instruments TAS5631 Datasheet HTML 7Page - Texas Instruments TAS5631 Datasheet HTML 8Page - Texas Instruments TAS5631 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
TAS5631
www.ti.com
SLES221C – JULY 2009 – REVISED APRIL 2010
MODE SELECTION PINS
MODE PINS
OUTPUT
PWM INPUT(1)
DESCRIPTION
CONFIGURATION
M3
M2
M1
0
0
0
2N
2 × BTL
AD mode
0
0
1
Reserved
0
1
0
2N
2 × BTL
BD mode
0
1
1
1N
1 × BTL +2 × SE
AD mode
1
0
0
1N
4 × SE
AD mode
INPUT_C(2)
INPUT_D(2)
2N
1
0
1
1 × PBTL
0
0
AD mode
1N
1
0
BD mode
1
1
0
Reserved
1
1
1
(1)
The 1N and 2N naming convention is used to indicate the number of PWM lines to the power stage per channel in a specific mode.
(2)
INPUT_C and INPUT_D are used to select between a subset of AD and BD mode operations in PBTL mode.
PACKAGE HEAT DISSIPATION RATINGS
(1)
PARAMETER
TAS5631PHD
TAS5631DKD
RqJC (°C/W) – 2 BTL or 4 SE channels
2.63
14
RqJC (°C/W) – 1 BTL or 2 SE channel(s)
4.13
2.04
RqJC (°C/W) – 1 SE channel
6.45
3.45
Pad area (2)
64 mm2
80 mm2
(1)
RqJC is junction-to-case; RqCH is case-to-heatsink.
(2)
RqCH is an important consideration. Assume a 2-mil (0.051-mm) thickness of thermal grease with a thermal conductivity of 2.5 W/mK
between the pad area and the heat sink and both channels active. The RqCH with this condition is 1.1°C/W for the PHD package and
0.44°C/W for the DKD package.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE
DESCRIPTION
0°C–70°C
TAS5631PHD
64-pin HTQFP
0°C–70°C
TAS5631DKD
44-pin PSOP3
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS5631
Not Recommended For New Designs


Similar Part No. - TAS5631

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631BDKD TI1-TAS5631BDKD Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631BDKDR TI1-TAS5631BDKDR Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631BPHD TI1-TAS5631BPHD Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
More results

Similar Description - TAS5631

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI1-TAS5630_10 Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5616 TI-TAS5616 Datasheet
1Mb / 33P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631B TI-TAS5631B_15 Datasheet
1Mb / 35P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BDKDR TI-TAS5630BDKDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com