Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5715 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5715 Datasheet(HTML) 2 Page - Texas Instruments

  TAS5715 Datasheet HTML 1Page - Texas Instruments TAS5715 Datasheet HTML 2Page - Texas Instruments TAS5715 Datasheet HTML 3Page - Texas Instruments TAS5715 Datasheet HTML 4Page - Texas Instruments TAS5715 Datasheet HTML 5Page - Texas Instruments TAS5715 Datasheet HTML 6Page - Texas Instruments TAS5715 Datasheet HTML 7Page - Texas Instruments TAS5715 Datasheet HTML 8Page - Texas Instruments TAS5715 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
SDIN
LRCLK
SCLK
MCLK
RESET
PDN
SDA
PLL_FLTM
PLL_FLTP
AVDD/DVDD
AVCC/PVCC
OUT_A
OUT_C
OUT_B
OUT_D
BST_A
BST_C
BST_B
BST_D
3.3 V
8 V–26 V
SCL
Digital
Audio
Source
I C
Control
2
Control
Inputs
LC
BTL
LC
BTL
B0264-12
Loop
Filter
(1)
HPL_PWM
HPR_PWM
RC
Filter
TPA6110A2
(HP Amplifier)
A_SEL/HP_SD
TAS5715
SLOS645 – AUGUST 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
SIMPLIFIED APPLICATION DIAGRAM
(1)See the TAS5715 User's Guide for loop-filter values.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5715


Similar Part No. - TAS5715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5715 TI-TAS5715 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715PHP TI-TAS5715PHP Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715PHPR TI-TAS5715PHPR Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_15 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results

Similar Description - TAS5715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713_101 TI-TAS5713_101 Datasheet
1Mb / 65P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_15 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727_14 Datasheet
1Mb / 62P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com