Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5715 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5715 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5715 Datasheet HTML 2Page - Texas Instruments TAS5715 Datasheet HTML 3Page - Texas Instruments TAS5715 Datasheet HTML 4Page - Texas Instruments TAS5715 Datasheet HTML 5Page - Texas Instruments TAS5715 Datasheet HTML 6Page - Texas Instruments TAS5715 Datasheet HTML 7Page - Texas Instruments TAS5715 Datasheet HTML 8Page - Texas Instruments TAS5715 Datasheet HTML 9Page - Texas Instruments TAS5715 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
SSTIMER
HPL
PLL_FLTP
VR_ANA
PBTL
AVSS
PLL_FLTM
BST_A
HPR
PVDD_A
OUT_A
RESET
PVDD_A
STEST
DVDD
DVSS
GND
VREG
PVDD_D
BST_D
OUT_D
AGND
PVDD_D
GVDD_OUT
P0075-10
PHP Package
(TopView)
TAS5715
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
31
32
48 47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
TAS5715
SLOS645 – AUGUST 2010
www.ti.com
DEVICE INFORMATION
PIN ASSIGNMENT
PIN FUNCTIONS
PIN
5-V
TYPE(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NAME
NO.
AGND
30
P
Analog ground for power stage
A_SEL
14
DIO
This pin is monitored on the rising edge of RESET. A value of 0
makes the I2C dev address 0x54 and a value of 1 makes it 0x56.
This pin can be re-used after reset as external HP amplifer shutdown
signal.
AVDD
13
P
3.3-V analog power supply
AVSS
9
P
Analog 3.3-V supply ground
BST_A
4
P
High-side bootstrap supply for half-bridge A
BST_B
43
P
High-side bootstrap supply for half-bridge B
BST_C
42
P
High-side bootstrap supply for half-bridge C
BST_D
33
P
High-side bootstrap supply for half-bridge D
DVDD
27
P
3.3-V digital power supply
DVSSO
17
P
Oscillator ground
DVSS
28
P
Digital ground
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
(2)
All pullups are weak pullups and all pulldowns are weak pulldowns. The pullups and pulldowns are included to assure proper input logic
levels if the pins are left unconnected (pullups
→ logic 1 input; pulldowns → logic 0 input).
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5715


Similar Part No. - TAS5715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5715 TI-TAS5715 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715PHP TI-TAS5715PHP Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715PHPR TI-TAS5715PHPR Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_15 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results

Similar Description - TAS5715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713_101 TI-TAS5713_101 Datasheet
1Mb / 65P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_15 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727_14 Datasheet
1Mb / 62P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com