Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5715 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5715 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5715 Datasheet HTML 7Page - Texas Instruments TAS5715 Datasheet HTML 8Page - Texas Instruments TAS5715 Datasheet HTML 9Page - Texas Instruments TAS5715 Datasheet HTML 10Page - Texas Instruments TAS5715 Datasheet HTML 11Page - Texas Instruments TAS5715 Datasheet HTML 12Page - Texas Instruments TAS5715 Datasheet HTML 13Page - Texas Instruments TAS5715 Datasheet HTML 14Page - Texas Instruments TAS5715 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
t
h1
t
su1
t
(edge)
t
su2
t
h2
SCLK
(Input)
LRCLK
(Input)
SDIN
T0026-04
t
r
t
f
TAS5715
www.ti.com
SLOS645 – AUGUST 2010
SERIAL AUDIO PORTS SLAVE MODE
over recommended operating conditions (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
fSCLKIN
Frequency, SCLK 32 × fS, 48 × fS, 64 × fS
CL = 30 pF
1.024
3.072
MHz
tsu1
Setup time, LRCLK to SCLK rising edge
10
ns
th1
Hold time, LRCLK from SCLK rising edge
10
ns
tsu2
Setup time, SDIN to SCLK rising edge
10
ns
th2
Hold time, SDIN from SCLK rising edge
10
ns
LRCLK frequency
8
48
48
kHz
SCLK duty cycle
40%
50%
60%
LRCLK duty cycle
40%
50%
60%
SCLK
SCLK rising edges between LRCLK rising edges
32
64
edges
t(edge)
SCLK
LRCLK clock edge with respect to the falling edge of SCLK
–1/4
1/4
period
tr/tf
Rise/fall time for SCLK/LRCLK
8
ns
Figure 2. Slave Mode Serial Data Interface Timing
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS5715


Similar Part No. - TAS5715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5715 TI-TAS5715 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715PHP TI-TAS5715PHP Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715PHPR TI-TAS5715PHPR Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_15 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results

Similar Description - TAS5715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713_101 TI-TAS5713_101 Datasheet
1Mb / 65P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_15 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727_14 Datasheet
1Mb / 62P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com