Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5717 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5717
Description  10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5717 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5717 Datasheet HTML 3Page - Texas Instruments TAS5717 Datasheet HTML 4Page - Texas Instruments TAS5717 Datasheet HTML 5Page - Texas Instruments TAS5717 Datasheet HTML 6Page - Texas Instruments TAS5717 Datasheet HTML 7Page - Texas Instruments TAS5717 Datasheet HTML 8Page - Texas Instruments TAS5717 Datasheet HTML 9Page - Texas Instruments TAS5717 Datasheet HTML 10Page - Texas Instruments TAS5717 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
TAS5717
TAS5719
www.ti.com
SLOS655A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
DVDD, AVDD, HPVDD
–0.3 to 3.6
V
Supply voltage
PVDD_X
–0.3 to 30
V
HPL_IN, HPR_IN
–0.3 to 4.2
V
3.3-V digital input
–0.5 to DVDD + 0.5
V
Input voltage
5-V tolerant(2) digital input (except MCLK)
–0.5 to DVDD + 2.5(3)
V
5-V tolerant MCLK input
–0.5 to AVDD + 2.5(3)
V
OUT_x to PGND_x
22(4)
V
BST_x to PGND_x
32(4)
V
Input clamp current, IIK
±20
mA
Output clamp current, IOK
±20
mA
Operating free-air temperature
0 to 85
°C
Operating junction temperature range
0 to 150
°C
Storage temperature range, Tstg
–40 to 125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions are not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are PDN, RESET, SCLK, LRCLK, MCLK, SDIN, SDA, and SCL.
(3)
Maximum pin voltage should not exceed 6 V.
(4)
DC voltage + peak ac waveform measured at the pin should be below the allowed limit for all conditions.
THERMAL INFORMATION
TAS5717
THERMAL METRIC(1)
PHP
UNIT
48 PINS
θJA
Junction-to-ambient thermal resistance(2)
35.2
°C/W
θJB
Junction-to-board thermal resistance(3)
10.9
°C/W
θJC(bottom)
Junction-to-case (bottom) thermal resistance(4)
1.6
°C/W
θJC(top)
Junction-to-case (top) thermal resistance(5)
19.7
°C/W
ψJT
Junction-to-top characterization parameter(6)
3.4
°C/W
ψJB
Junction-to-board characterization parameter(7)
10.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(4)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(5)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(6)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TAS5717 TAS5719


Similar Part No. - TAS5717

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5717 TI-TAS5717 Datasheet
1Mb / 67P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717 TI-TAS5717 Datasheet
1Mb / 68P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717PHP TI-TAS5717PHP Datasheet
1Mb / 68P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717PHPR TI-TAS5717PHPR Datasheet
1Mb / 68P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
More results

Similar Description - TAS5717

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5717 TI-TAS5717 Datasheet
1Mb / 67P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717PHP TI-TAS5717PHP Datasheet
1Mb / 68P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
logo
Cirrus Logic
CS4525 CIRRUS-CS4525_08 Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
CS4525 CIRRUS-CS4525_07 Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TAS5102 TI-TAS5102 Datasheet
1Mb / 23P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com