Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST60-36P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ST60-36P
Description  Interface Connectors for Miniature, Portable Terminal Devices
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ST60-36P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ST60-36P Datasheet HTML 1Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 2Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 3Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 4Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 5Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 6Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 7Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 8Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Right
Left
Mating direction
49N max.
Top
Bottom
Polarization keys
Contacts are not damaged!
Standard plug
Identification surface
Identification surface
Reverse plug
Interface Connectors for Miniature, Portable Terminal Devices
ST Series
2008.4w
Strong locking mechanism
Prevention against reversed or angle insertion
Plug variations
Overview
Developed as external input/output connectors for the
portable and mobile devices used in consumer markets. As
such, the connectors incorporate features required to assure
reliable electrical and mechanical performance under
extreme and unpredictable conditions.
Features
1. Strong locking mechanism
To assure continuous reliability of the connection in an
unpredictable consumer environment, mated connectors
will withstand pull force of 49N max. applied in any
direction.
2. Prevention against reversed or angle insertion
Multiple polarization keys will not allow incorrect insertion
of the mating plug.
In addition, contacts will not be damaged when the user
attempts to insert only the corner of the mating plug.
3. Small size and low profile
Contact pitch of 0.5 mm and utilization of state-of-the-art
manufacturing technologies has produced receptacle
height of 3 mm above the board and maximum thickness
of the plug of only 7 mm.
4. EMI protection
Built-in ground continuity features and EMI shielding
assure interference free performance.
5. Wide variety of contact positions and
mounting styles
Standard, reverse, vertical and cradle mountings, as well
as utilization of variety of cables and conductors assure
application of this connector in diversified applications.
Applications
Digital Still Cameras, Personal Digital Assistance,
Notebook computers, Cellular phones, Portable readers,
Mobile recorders and any mobile or portable device
requiring high reliability small size input/output
connection.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - ST60-36P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ST60-36P HIROSE-ST60-36P Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
ST60-36PR HIROSE-ST60-36PR Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
More results

Similar Description - ST60-36P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ST60-10P HIROSE-ST60-10P Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
C4650 HIROSE-C4650 Datasheet
612Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
ST60-18P4 HIROSE-ST60-18P4 Datasheet
608Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
Renesas Technology Corp
9TCS1082 RENESAS-9TCS1082 Datasheet
745Kb / 29P
   FOR PORTABLE DEVICES
REV 0.5 102011
logo
List of Unclassifed Man...
ANT-458-SP ETC2-ANT-458-SP Datasheet
304Kb / 1P
   Perfect for compact portable devices
logo
Hirose Electric
MQ172X-3PA HIROSE-MQ172X-3PA_1 Datasheet
308Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
MQ172 HIROSE-MQ172 Datasheet
302Kb / 8P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
logo
ON Semiconductor
B300 ONSEMI-B300 Datasheet
425Kb / 28P
   Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
logo
Hirose Electric
MQ172-3SA-CV HIROSE-MQ172-3SA-CV Datasheet
372Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
logo
ON Semiconductor
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
467Kb / 31P
   Audio Processor for Portable Communication Devices
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com