Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS770006 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS770006
Description  Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS770006 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS770006 Datasheet HTML 3Page - Texas Instruments THS770006 Datasheet HTML 4Page - Texas Instruments THS770006 Datasheet HTML 5Page - Texas Instruments THS770006 Datasheet HTML 6Page - Texas Instruments THS770006 Datasheet HTML 7Page - Texas Instruments THS770006 Datasheet HTML 8Page - Texas Instruments THS770006 Datasheet HTML 9Page - Texas Instruments THS770006 Datasheet HTML 10Page - Texas Instruments THS770006 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
THS770006
www.ti.com
SBOS520B
– JULY 2010 – REVISED JANUARY 2012
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
TITLE
FIGURE
Frequency Response Magnitude (with Transformers)
Figure 1
Frequency Response Magnitude (no Transformers)
Figure 2
Frequency Response Phase (no Transformers)
Figure 3
Small- and Large-Signal Pulse Response
Figure 4
Slew Rate vs Output Voltage Step
Figure 5
Overdrive Recovery
Figure 6
Single-Ended Input Harmonic Distortion vs Frequency
Figure 7
Harmonic Distortion vs Frequency
Figure 8
Harmonic Distortion vs Frequency, VOUT = 0.9VPP
Figure 9
Harmonic Distortion vs VOUT
Figure 10
Harmonic Distortion vs RL
Figure 11
Harmonic Distortion vs VOCM
Figure 12
Intermodulation Distortion vs Frequency, VOUT = 2VPP, 3VPP Envelope
Figure 14
Intermodulation Distortion vs Frequency, VOUT = 0.9VPP Envelope
Figure 15
Output Intercept Point vs Frequency
Figure 16
Maximum Differential Output Voltage Swing Peak-to-Peak vs Differential Load Resistance
Figure 17
Maximum/Minimum Single-Ended Output Voltage vs Differential Load Resistance
Figure 18
Differential Output Impedance vs Frequency
Figure 19
s-Parameters (Magnitude)
Figure 20
Frequency Response vs Capacitive Load
Figure 21
Recommended RO vs Capacitive Load
Figure 22
Common-Mode Rejection Ratio vs Frequency
Figure 23
Power-Supply Rejection Ratio vs Frequency
Figure 24
VOCM Pulse Response
Figure 25
Turn-On Time
Figure 26
Turn-Off Time
Figure 27
Input and Output Voltage Noise vs Frequency
Figure 28
Output Balance Error vs Frequency
Figure 29
VOCM Small-Signal Frequency Response
Figure 30
VOCM Input Bias Current vs VOCM Input Voltage
Figure 31
Noise Figure vs Frequency
Figure 32
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS770006


Similar Part No. - THS770006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS770006 TI-THS770006 Datasheet
1,006Kb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
logo
National Semiconductor ...
THS770006 NSC-THS770006 Datasheet
1Mb / 39P
   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
logo
Texas Instruments
THS770006IRGER TI-THS770006IRGER Datasheet
1,006Kb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
logo
National Semiconductor ...
THS770006IRGER NSC-THS770006IRGER Datasheet
1Mb / 39P
   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
logo
Texas Instruments
THS770006IRGET TI-THS770006IRGET Datasheet
1,006Kb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
More results

Similar Description - THS770006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770012 TI1-THS770012_14 Datasheet
1Mb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770012 TI1-THS770012 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
logo
National Semiconductor ...
THS770006 NSC-THS770006 Datasheet
1Mb / 39P
   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
logo
Texas Instruments
THS770006 TI-THS770006_10 Datasheet
1,006Kb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
logo
Linear Technology
LTC6430 LINER-LTC6430 Datasheet
718Kb / 12P
   15dB Differential Amplifier and 14-Bit, 310Msps Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com