Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC36 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV320AIC36
Description  Low Power Stereo Audio Codec With Embedded miniDSP
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC36 Datasheet(HTML) 1 Page - Texas Instruments

  TLV320AIC36 Datasheet HTML 1Page - Texas Instruments TLV320AIC36 Datasheet HTML 2Page - Texas Instruments TLV320AIC36 Datasheet HTML 3Page - Texas Instruments TLV320AIC36 Datasheet HTML 4Page - Texas Instruments TLV320AIC36 Datasheet HTML 5Page - Texas Instruments TLV320AIC36 Datasheet HTML 6Page - Texas Instruments TLV320AIC36 Datasheet HTML 7Page - Texas Instruments TLV320AIC36 Datasheet HTML 8Page - Texas Instruments TLV320AIC36 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 168 page
background image
ADC
DAC
DAC
ADC
HPL
HPR
RECL
LINEOUT _LP
LINEOUT _LM
LINEOUT _RP
LINEOUT _RM
LINEIN_L
MIC1_P
MIC1_M
EXTMIC _P
EXTMIC _M
MIC2_P
MIC2_M
LINEIN_R
AudioSerial
Bus
Control
GPIO
Microphone
Support
Charge
Pump
GND_ADC
Voltage
Regulators
Digital
Supplies
AVDD _ADC
AVSS _DAC
HP_COM
Signal
Grounds
RECR
AVDD _DAC
AVDD _HP
AVSS _HP
PGA
PGA
TLV320AIC36
www.ti.com
SBAS387A – MAY 2009 – REVISED JUNE 2010
Low Power Stereo Audio Codec With Embedded miniDSP
Check for Samples: TLV320AIC36
1
INTRODUCTION
1.1
Features
1234
Generators
• Stereo Audio DAC
• Programmable PLL for Flexible Clock
– 100-dBA Signal-to-Noise Ratio
Generation
– 16/20/24/32-Bit Data
• Advanced Microphone Impedance Detection
– Supports Rates From 8 to 192 kHz
• I2C™ Control Bus
– Programmable DAC Filter Engine
• Audio Serial Data Bus Supports I2S™,
• Stereo Audio ADC
Left/Right Justified, DSP, and TDM Modes
– 92-dBA Signal-to-Noise Ratio
• Alternate Serial PCM/I2S Data Bus
– Supports Rates from 8 to 192 kHz
• Stereo Digital Microphone Input
– Programmable ADC Filter Engine
• Extensive Modular Power Control
• Three Dedicated Microphone Inputs
– Integrated Charge Pump
– Supports Single-Ended, Balanced
– Integrated Programmable LDOs
Differential, and Unbalanced Differential
• Package: 5 x 5 mm 80-VFBGA
Configurations
• Stereo Line-Level Inputs
1.2
Applications
• Audio Output Drivers
Portable Navigation Devices (PND)
– Ground-Referenced Cap-Free Stereo 16
Portable Media Players (PMP)
Single-Ended Headphone Drivers
Mobile Handsets
– Ground-Referenced Cap-Free Stereo 16
Single-Ended Receiver Drivers
Communication
– Fully Differential Stereo Line Outputs
Portable Computing
• Programmable Input/Output Gains
• Automatic Gain Control (AGC) for Record
• Dual Programmable Microphone Bias
Figure 1-1. Simplified Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MicroStar Junior is a trademark of Texas Instruments.
3
I2C, I2S are trademarks of NXP Semiconductors.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV320AIC36

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36IZQE TI-TLV320AIC36IZQE Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36IZQER TI-TLV320AIC36IZQER Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
More results

Similar Description - TLV320AIC36

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com