Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC1110 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC1110
Description  PCM CODEC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC1110 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC1110 Datasheet HTML 2Page - Texas Instruments TLV320AIC1110 Datasheet HTML 3Page - Texas Instruments TLV320AIC1110 Datasheet HTML 4Page - Texas Instruments TLV320AIC1110 Datasheet HTML 5Page - Texas Instruments TLV320AIC1110 Datasheet HTML 6Page - Texas Instruments TLV320AIC1110 Datasheet HTML 7Page - Texas Instruments TLV320AIC1110 Datasheet HTML 8Page - Texas Instruments TLV320AIC1110 Datasheet HTML 9Page - Texas Instruments TLV320AIC1110 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
TLV320AIC1110
SLAS359 – DECEMBER 2001
6
www.ti.com
detailed description
power on/reset
The power for the various digital and analog circuits is separated to improve the noise performance of the
device. An external reset must be applied to the active low RESET terminal to assure reset upon power on and
to bring the device to an operational state. After the initial power-on sequence, the device can be functionally
powered up and powered down by writing to the power control register through the I2C interface. The device
has a pin-selectable power up in the default mode option. The hardwired pin-selectable PWRUPSEL function
allows the PCM codec to power up in the default mode and to be used without a microcontroller.
reference
A precision band gap reference voltage is generated internally and supplies all required voltage references to
operate the transmit and receive channels. The reference system also supplies bias voltage for use with an
electret microphone at terminal MBIAS. An external precision resistor is required for reference current setting
at terminal REXT.
I2C control interface
The I2C interface is a two-wire bidirectional serial interface. The I2C interface controls the PCM codec by writing
data to seven control registers:
D Power control
D Mode control
D Transmit PGA and sidetone control
D Receive PGA gain and volume control
D DTMF routing
D Tone selection control
D Auxiliary control
There are two power-up modes which may be selected at the PWRUPSEL terminal: (1) The PWRUPSEL state
(VDD at terminal 20) causes the device to power up in the default mode when power is applied. Without an I2C
interface or controlling device, the programmable functions are fixed at the default gain levels, and functions
such as the sidetone and DTMF are not accessible. (2) The PWRUPSEL state (ground at terminal 20) causes
the device to go to a power-down state when power is applied. In this mode, an I2C interface is required to power
up the device.
phase-locked loop (PLL)
The phase-lock loop generates the internal clock frequency required for digital filters and modulators by phase
locking to 2.048-MHz master clock input.
PCM interface
The PCM interface transmits and receives data at the PCMO and PCMI terminals respectively. The data is
transmitted or received at the PCMCLK speed once every PCMSYN cycle. The PCMCLK can be tied directly
to the 128-kHz or 2.048-MHz master clock (MCLK). The PCMSYN can be driven by an external source or
derived from the master clock and used as an interrupt to the host controller.
microphone amplifiers
The microphone input is a switchable interface for two differential microphone inputs. The first stage is a
low-noise differential amplifier that provides a gain of 23.5 dB. The second-stage amplifier has a selectable gain
of 6 dB or 18 dB.


Similar Part No. - TLV320AIC1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1110 TI-TLV320AIC1110 Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1110GQER TI-TLV320AIC1110GQER Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1110GQER TI1-TLV320AIC1110GQER Datasheet
1,022Kb / 40P
[Old version datasheet]   Differential Earphone Outputs and One Single-Ended Earphone Output
TLV320AIC1110PBS TI-TLV320AIC1110PBS Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1110PBS TI1-TLV320AIC1110PBS Datasheet
1,022Kb / 40P
[Old version datasheet]   Differential Earphone Outputs and One Single-Ended Earphone Output
More results

Similar Description - TLV320AIC1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI-TLV320AIC1110 Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
[Old version datasheet]   PCM CODEC
TLV320AIC1107 TI-TLV320AIC1107 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com