Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB100N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB100N10F7
Description  N-channel 100 V, 0.0068typ., 80 A, STripFET??VII DeepGATE??Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STB100N10F7 Datasheet HTML 1Page - STMicroelectronics STB100N10F7 Datasheet HTML 2Page - STMicroelectronics STB100N10F7 Datasheet HTML 3Page - STMicroelectronics STB100N10F7 Datasheet HTML 4Page - STMicroelectronics STB100N10F7 Datasheet HTML 5Page - STMicroelectronics STB100N10F7 Datasheet HTML 6Page - STMicroelectronics STB100N10F7 Datasheet HTML 7Page - STMicroelectronics STB100N10F7 Datasheet HTML 8Page - STMicroelectronics STB100N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
November 2013
DocID023737 Rev 4
1/23
23
STB100N10F7, STD100N10F7,
STF100N10F7, STP100N10F7
N-channel 100 V, 0.0068
Ω typ., 80 A, STripFET™ VII DeepGATE™
Power MOSFET in D
2
PAK, DPAK, TO-220FP and TO-220
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Ultra low on-resistance
• 100% avalanche tested
Applications
• Switching applications
Description
These devices utilize the 7
th
generation of design
rules of ST’s proprietary STripFET™ technology,
with a new gate structure. The resulting Power
MOSFET exhibits the lowest R
DS(on)
in all
packages.
TO-220
1
2
3
TAB
DPAK
1
2
3
TO-220FP
1
3
TAB
D2PAK
1
3
TAB
Order codes
V
DS
R
DS(on)
max
I
D
P
TOT
STB100N10F7
100 V
0.008
Ω
80 A
120 W
STD100N10F7
80 A
120W
STF100N10F7
45 A
30 W
STP100N10F7
80A
150 W
Table 1. Device summary
Order codes
Marking
Packages
Packaging
STB100N10F7
100N10F7
D
2
PAK
Tape and reel
STD100N10F7
DPAK
Tape and reel
STF100N10F7
TO-220FP
Tube
STP100N10F7
TO-220
Tube
www.st.com


Similar Part No. - STB100N10F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB100N10F7 ISC-STB100N10F7 Datasheet
315Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB100N10F7 STMICROELECTRONICS-STB100N10F7 Datasheet
652Kb / 28P
   N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
DS9291 - Rev 5 - June 2018
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
   N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
DS9291 - Rev 5 - June 2018
More results

Similar Description - STB100N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF110N10F7 STMICROELECTRONICS-STF110N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 5.1 m廓 typ., 110 A, STripFET??VII DeepGATE?? Power MOSFETs in TO-220FP and TO-220 packages
July 2013 Rev 2
STD70N10F4 STMICROELECTRONICS-STD70N10F4 Datasheet
974Kb / 18P
   N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
   N-channel 100 V, 2.3 m廓 typ., 180 A STripFET??VII DeepGATE?? Power MOSFET in a TO-220 package
July 2013 Rev 7
STP45N10F7 STMICROELECTRONICS-STP45N10F7 Datasheet
1Mb / 19P
   N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
   N-channel 100 V, 8 m廓 typ., 120 A, STripFET??DeepGATE?? Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
   N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
DS9291 - Rev 5 - June 2018
STB60N55F3 STMICROELECTRONICS-STB60N55F3_09 Datasheet
630Kb / 20P
   N-channel 55 V, 6.5 m廓, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET??III Power MOSFET
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
   N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
January 2009
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
490Kb / 15P
   P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com