Electronic Components Datasheet Search |
|
V20E150P Datasheet(PDF) 11 Page - Littelfuse |
|
V20E150P Datasheet(HTML) 11 Page - Littelfuse |
11 / 11 page Varistor Products ©2010 Littelfuse, Inc. Revision: August 4, 2010 UltraMOV™ Varistor Series Radial Lead Varistors > UltraMOVTM Series Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/tmov.html for current information. Tape & Reel Quantity Varistor Voltage Shipping Quantity Per Reel 7mm 10mm 14mm 20mm 130 – 275 1000 500 500 500 300 – 625 1000 500 400 400 Part Numbering System NONSTANDARD LEAD SPACING OPTIONS: Blank: OTHER NONSTANDARD OPTIONS X2855: Nickel barrier coated wire option (see notes below) Standard lead spacing (see Dimensions Table) 5: 5mm Lead Spacing 7: 7.5mm Lead Spacing 1: 10mm Lead Spacing PACKAGING: B: Bulk Pack T: Tape and Reel A: Ammo Pack LEAD FORMATION: L1: Straight L2: Crimped L3: In-Line L4: Trim/Crimp (Bulk pack only) ENCAPSULATION: E = Epoxy P = Phenolic (Halogen Free) VM(AC)RMS: 130 to 625 (V) DISC DIAMETER: 07, 10, 14, or 20 (mm) For “VARISTOR” V XX E XXX LX X X UltraMOV™ is a trademark of Littelfuse, Inc. P LEAD-FREE, HALOGEN-FREE AND RoHS COMPLIANT INDICATOR OPTION CODES (See notes below) BASE PART CODES (See Ratings & Specifications tables and notes below) XXXXX Standard Part Default Conditions Device Size Part # Lead Space Packaging 7mm V07E– 5.0-/+1 Bulk 10mm V10E– 7.5-/+1 Bulk 14mm V14E– 7.5-/+1 Bulk 20mm V20E– 10.0-/+1 Bulk For standard parts, use the BASE PART designator only. For parts with non-standard options (such as additional form, packaging and lead space options) use, BASE PART + OPTION CODE. OPTION CODE items are subject to availability and minimum order requirements. Please contact a Littelfuse representative if you require additional information Ordering Notes: Littelfuse UltraMOV™ varistors are shipped standard in bulk pack with straight leads and lead spacing outlined in the dimensions sections of this document. Contact a Littelfuse representative to discuss non-standard options. PACKAGING: OPTION CODES: X2855: Nickel Barrier COATED WIRE OPTION All standard parts use Tin–coated Copper Wire Nickel Barrier Coated Wire is available as an option, consisting of Copper Wire with a flashing of Nickel followed by a top coating of Tin. To order: append standard model BASE PART number with "X2855." Example: Standard Model Order As V18ZA40P V18ZA40PX2855 Standard Bulk Pack Quantity Varistor Voltage Standard Bulk Pack Quantity Varistor Model Size 7mm 10mm 14mm 20mm 130 – 275 1500 1000 700 500 300 – 460 1500 700 600 400 510 – 625 1500 700 500 400 |
Similar Part No. - V20E150P |
|
Similar Description - V20E150P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |