Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V10E175P Datasheet(PDF) 10 Page - Littelfuse

Part # V10E175P
Description  UltraMOV??Varistor Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V10E175P Datasheet(HTML) 10 Page - Littelfuse

Back Button V10E175P Datasheet HTML 3Page - Littelfuse V10E175P Datasheet HTML 4Page - Littelfuse V10E175P Datasheet HTML 5Page - Littelfuse V10E175P Datasheet HTML 6Page - Littelfuse V10E175P Datasheet HTML 7Page - Littelfuse V10E175P Datasheet HTML 8Page - Littelfuse V10E175P Datasheet HTML 9Page - Littelfuse V10E175P Datasheet HTML 10Page - Littelfuse V10E175P Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
UltraMOV™ Varistor Series
Radial Lead Varistors > UltraMOVTM Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
Symbol
Description
Model Size
7mm
10mm
14mm
20mm
B
1
Component Top to Seating Plane
15 Max
19.5 Max
22.5 Max
29 Max
C
Crimp Length
2.4 Typ
2.6 Typ
2.6 Typ
2.6 Typ
P
Pitch of Component
12.7 +/- 1.0
25.4 +/- 1.0
25.4 +/- 1.0
25.4 +/- 1.0
P
0
Feed Hole Pitch
12.7 +/- 0.2
12.7 +/- 0.2
12.7 +/- 0.2
12.7 +/- 0.2
P
1
Feed Hole Center to Pitch
3.85 +/- 0.7
8.85 +/- 0.7
8.85 +/- 0.7
7.70 +/- 0.7
P
2
Hole Center to Component Center
6.35 +/- 0.7
12.7 +/- 0.7
12.7 +/- 0.7
12.7 +/- 0.7
F
Lead to Lead Distance
5.0 +/- 0.8
7.5 +/- 0.8
7.5 +/- 0.8
10.0 +/- 0.8
Δh
Component Alignment
2.0 Max
2.0 Max
2.0 Max
2.0 Max
W
Tape Width
18.0 +1.0 / -0.5
18.0 +1.0 / -0.52
18.0 +1.0 / -0.5
18.0 +1.0 / -0.5
W
0
Hold Down Tape Width
12.0 +/- 0.3
12.0 +/- 0.3
12.0 +/- 0.3
12.0 +/- 0.3
W
1
Hole Position
9.0 +0.75 / -0.50
9.0 +0.75 / - 0.50
9.0 +0.75 / 0.50
9.0 +0.75 / -0.50
W
2
Hold Down Tape Position
0.5 Max
0.5 Max
0.5 Max
0.5 Max
H
Height from Tape Center to Component Base
18.0 +2.0 / -0.0
18.0 +2.0 / -0.0
18.0 +2.0 / -0.0
18.0 +2.0 / -0.0
H
0
Seating Plane Height
16.0 +/- 0.5
16.0 +/- 0.5
16.0 +/- 0.5
16.0 +/- 0.5
H
1
Component Height
32.0 Max
36.0 Max
40.0 Max
46.5 Max
D
0
Feed Hole Diameter
4.0 +/- 0.2
4.0 +/- 0.2
4.0 +/- 0.2
4.0 +/- 0.2
t
Total Tape Thickness
0.7 +/- 0.2
0.7 +/- 0.2
0.7 +/- 0.2
0.7 +/- 0.2
Δp
Component Alignment
3° Max, 1.00mm
3° Max, 1.00mm
3° Max, 1.00mm
3° Max, 1.00mm
Tape Specifications for Reel and Ammo Pack Items (Refer to drawings on previous page)
• Conforms to ANSI and EIA specifications.
• Can be supplied to IEC Publication 286-2.
• Radial devices on tape are offered with crimped leads, straight leads, or in-line leads. See Ordering Information.
• For 10mm devices 'P' (component pitch) is 12.7mm when 'F' (lead space) is 5mm.
• 7mm parts are available on tape and reel up to 460 VAC only
• 10mm parts are available on tape and reel up to 510 VAC only
• 14mm and 20mm parts are available on tape and reel up to 550 VAC only
• 7mm devices with 7.5mm lead spacing option will be taped at 25.4mm component pitch and 500 pieces per reel
• 10mm devices with 5.0mm lead spacing option will be taped at 12.7mm component pitch and 1000 pieces per reel
For information on tape and reel packaging quantities, please refer to the Ordering Notes section at the end of this document.


Similar Part No. - V10E175P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V10E175P LITTELFUSE-V10E175P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V10E175P LITTELFUSE-V10E175P Datasheet
784Kb / 11P
   Radial Lead Varistors
V10E175P LITTELFUSE-V10E175P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V10E175P LITTELFUSE-V10E175P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V10E175P LITTELFUSE-V10E175P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V10E175P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14E385PL1T5 LITTELFUSE-V14E385PL1T5 Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V07E130L3T LITTELFUSE-V07E130L3T Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com