Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBR50NE-060 Datasheet(PDF) 4 Page - Fuji Electric

Part # 7MBR50NE-060
Description  Power Integrated Module (PIM)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR50NE-060 Datasheet(HTML) 4 Page - Fuji Electric

  7MBR50NE-060 Datasheet HTML 1Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 2Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 3Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 4Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 5Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 6Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 7Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
0,001
0,01
0,1
1
0,1
1
FRD
IGBT
Converter Diode
Transient thermal resistance
Pulse width : PW [sec]
0
50
100
150
0
100
200
300
400
500
400V
300V
V
CC=200V
0
5
10
15
20
25
Dynamic input characteristics
T
j=25°C
Gate charge : Q
G [nC]
10
100
10
100
1000
t
f
t
r
t
off
t
on
Switching time vs. R
G
V
CC=300V, IC=30A, V GE=±15V, Tj=25°C
Gate resistance : R
G [Ω ]
0
1
2
3
4
0
10
20
30
40
50
60
70
T
j=125°C
25°C
FRD
Forward current vs. Forward voltage
V
GE=OV
Forward voltage : V
F [V]
0
10
20
30
40
50
1
10
100
I
rr 25°C
t
rr 25°C
t
rr 125°C
I
rr 125°C
Reverse recovery characteristics
t
rr , Irr vs. I F
Forward current : I
F [A]
0
100
200
300
400
500
600
0
50
100
150
200
250
300
RBSOA (Repetitive pulse)
SCSOA
(non-repetitive pulse)
Reversed biased safe operating area
+V
GE=15V, -V GE< 15V, T j< 125°C, RG> 82 Ω
Collector-Emitter voltage : VCE [V]


Similar Part No. - 7MBR50NE-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50NF060 FUJI-7MBR50NF060 Datasheet
263Kb / 9P
   600V/50A/PIM
More results

Similar Description - 7MBR50NE-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50SA-060 FUJI-7MBR50SA-060 Datasheet
338Kb / 6P
   Power Integrated Module (PIM)
7MBR25SA-120 FUJI-7MBR25SA-120 Datasheet
424Kb / 6P
   Power Integrated Module (PIM)
7MBR50SB-120 FUJI-7MBR50SB-120 Datasheet
443Kb / 6P
   Power Integrated Module (PIM)
logo
International Rectifier
GB25RF120K IRF-GB25RF120K Datasheet
781Kb / 13P
   IGBT PIM MODULE
GB10RF120K IRF-GB10RF120K Datasheet
1Mb / 12P
   IGBT PIM MODULE
GB30RF60K IRF-GB30RF60K Datasheet
398Kb / 14P
   IGBT PIM MODULE
GB15RF120K IRF-GB15RF120K Datasheet
348Kb / 13P
   IGBT PIM MODULE
logo
MacMic
MMG75W060XB6EN MACMIC-MMG75W060XB6EN Datasheet
434Kb / 9P
   600V 75A PIM Module
MMG75WD120XB6T4N MACMIC-MMG75WD120XB6T4N Datasheet
1Mb / 9P
   1200V 75A PIM Module
logo
Nihon Inter Electronics...
PVD55-6 NIEC-PVD55-6 Datasheet
66Kb / 3P
   PIM MODULE 5.5KW 200V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com