Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBR50NE-060 Datasheet(PDF) 6 Page - Fuji Electric

Part # 7MBR50NE-060
Description  Power Integrated Module (PIM)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR50NE-060 Datasheet(HTML) 6 Page - Fuji Electric

  7MBR50NE-060 Datasheet HTML 1Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 2Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 3Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 4Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 5Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 6Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 7Page - Fuji Electric 7MBR50NE-060 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
0
20
40
60
80
10
100
1000
t
f
t
r
t
off
t
on
Switching time vs. Collector current
V
CC
=300V, R
G
=51
W
, V
GE
=±15V, T
j
=25°C
Collector current : I
C
[A]
0
1
2
3
4
5
0
25
50
75
100
125
10V
V
GE=20V,15V, 12V,
Collector-Emitter voltage : V
CE
[V]
8V
Collector current vs. Collector-Emitter voltage
T
j
=125°C
0
1
2
3
4
5
0
25
50
75
100
125
Collector current vs. Collector-Emitter voltage
T
j
=25°C
Collector-Emitter voltage : V
CE
[V]
8V
10V
V
GE=20V,15V,12V,
0
5
10
15
20
25
0
2
4
6
8
10
Collector-Emitter vs. Gate-Emitter voltage
T
j=25°C
25A
50A
100A
I
C
=
Gate-Emitter voltage : V
GE [V]
0
5
10
15
20
25
0
2
4
6
8
10
Collector-Emitter vs. Gate-Emitter voltage
T
j=125°C
25A
50A
100A
I
C=
Gate-Emitter voltage : V
GE [V]
0
20
40
60
80
10
100
1000
Switching time vs. Collector current
V
CC
=300V, R
G
=51
, V
GE
=±15V, T
j
=125°C
t
f
t
r
t
on
t
off
Collector current : I
C
[A]
Brake Chopper IGBT


Similar Part No. - 7MBR50NE-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50NF060 FUJI-7MBR50NF060 Datasheet
263Kb / 9P
   600V/50A/PIM
More results

Similar Description - 7MBR50NE-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50SA-060 FUJI-7MBR50SA-060 Datasheet
338Kb / 6P
   Power Integrated Module (PIM)
7MBR25SA-120 FUJI-7MBR25SA-120 Datasheet
424Kb / 6P
   Power Integrated Module (PIM)
7MBR50SB-120 FUJI-7MBR50SB-120 Datasheet
443Kb / 6P
   Power Integrated Module (PIM)
logo
International Rectifier
GB25RF120K IRF-GB25RF120K Datasheet
781Kb / 13P
   IGBT PIM MODULE
GB10RF120K IRF-GB10RF120K Datasheet
1Mb / 12P
   IGBT PIM MODULE
GB30RF60K IRF-GB30RF60K Datasheet
398Kb / 14P
   IGBT PIM MODULE
GB15RF120K IRF-GB15RF120K Datasheet
348Kb / 13P
   IGBT PIM MODULE
logo
MacMic
MMG75W060XB6EN MACMIC-MMG75W060XB6EN Datasheet
434Kb / 9P
   600V 75A PIM Module
MMG75WD120XB6T4N MACMIC-MMG75WD120XB6T4N Datasheet
1Mb / 9P
   1200V 75A PIM Module
logo
Nihon Inter Electronics...
PVD55-6 NIEC-PVD55-6 Datasheet
66Kb / 3P
   PIM MODULE 5.5KW 200V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com