Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8341UJ-AZ Datasheet(PDF) 10 Page - California Eastern Labs

Part # NX8341UJ-AZ
Description  1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8341UJ-AZ Datasheet(HTML) 10 Page - California Eastern Labs

Back Button NX8341UJ-AZ Datasheet HTML 6Page - California Eastern Labs NX8341UJ-AZ Datasheet HTML 7Page - California Eastern Labs NX8341UJ-AZ Datasheet HTML 8Page - California Eastern Labs NX8341UJ-AZ Datasheet HTML 9Page - California Eastern Labs NX8341UJ-AZ Datasheet HTML 10Page - California Eastern Labs NX8341UJ-AZ Datasheet HTML 11Page - California Eastern Labs NX8341UJ-AZ Datasheet HTML 12Page - California Eastern Labs NX8341UJ-AZ Datasheet HTML 13Page - California Eastern Labs NX8341UJ-AZ Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
NX8341 Series
ORDERING INFORMATION
Part Number
Receptacle Type
Note
NX8341TB-AZ*
LC, Electrically isolated
Differential input with flexible PCB
NX8341TJ-AZ*
LC
Differential input with flexible PCB
NX8341TL-AZ*
SC
Differential input with flexible PCB
NX8341TP-AZ*
LC, Electrically isolated
Differential input with flexible PCB, without matching resistor
NX8341UB-AZ*
LC, Electrically isolated
Differential input, 5-pin
NX8341UH-AZ*
LC
Single-ended, 5-pin
NX8341UJ-AZ*
LC
Differential input, 5-pin
NX8341UL-AZ*
SC
Differential input, 5-pin
NX8341UN-AZ*
SC
Single-ended, 5-pin
<R>
*Note Please refer to the last page of this data sheet “Compliance with
EU Directives for Pb-Free RoHS Compliance Information.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Storage Temperature
Tstg
−40 to +85
°C
Operating Case Temperature
TC
−5 to +85
°C
Forward Current of LD
IFLD
120
mA
Reverse Voltage of LD
VRLD
2
V
Forward Current of PD
IFPD
10
mA
Reverse Voltage of PD
VRPD
20
V
Lead Soldering Temperature
Tsld
350 (3.5 sec.)
°C
Optical Output Power
Pf
5
mW
Data Sheet PL10525EJ03V0DS
10


Similar Part No. - NX8341UJ-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8341UJ-AZ CEL-NX8341UJ-AZ Datasheet
351Kb / 13P
   1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results

Similar Description - NX8341UJ-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8346TS CEL-NX8346TS Datasheet
195Kb / 8P
   1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8346TB CEL-NX8346TB Datasheet
205Kb / 9P
   1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8341 CEL-NX8341_06 Datasheet
351Kb / 13P
   1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
NEC
NX8346TB NEC-NX8346TB Datasheet
102Kb / 9P
   1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8346TS NEC-NX8346TS Datasheet
89Kb / 8P
   1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8346TS RENESAS-NX8346TS Datasheet
172Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8369TB RENESAS-NX8369TB Datasheet
213Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8369TB CEL-NX8369TB Datasheet
214Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8349TB RENESAS-NX8349TB_15 Datasheet
204Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349YK RENESAS-NX8349YK_15 Datasheet
253Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com