Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8341UN-AZ Datasheet(PDF) 11 Page - California Eastern Labs

Part # NX8341UN-AZ
Description  1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8341UN-AZ Datasheet(HTML) 11 Page - California Eastern Labs

Back Button NX8341UN-AZ Datasheet HTML 7Page - California Eastern Labs NX8341UN-AZ Datasheet HTML 8Page - California Eastern Labs NX8341UN-AZ Datasheet HTML 9Page - California Eastern Labs NX8341UN-AZ Datasheet HTML 10Page - California Eastern Labs NX8341UN-AZ Datasheet HTML 11Page - California Eastern Labs NX8341UN-AZ Datasheet HTML 12Page - California Eastern Labs NX8341UN-AZ Datasheet HTML 13Page - California Eastern Labs NX8341UN-AZ Datasheet HTML 14Page - California Eastern Labs NX8341UN-AZ Datasheet HTML 15Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NX8341 Series
ELECTRO-OPTICAL CHARACTERISTICS (TC =
−5 to +85°C, BOL, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Mean Optical Output Power
Pf
−2
dBm
Peak Emission Wavelength
λp
CW, Pf =
−2 dBm
1 290
1 330
nm
Side Mode Suppression Ratio
SMSR
CW, Pf =
−2 dBm
30
dB
Threshold Current
Ith
CW, TC = 25
°C
8
20
mA
CW
2
40
Differential Efficiency
ηd
CW, Pf =
−2 dBm, TC = 25°C
0.02
0.025
0.04
W/A
CW, Pf =
−2 dBm
0.005
0.05
Operation Voltage
Vop
CW, Pf =
−2 dBm
2
V
Monitor Current
Im
Pf =
−2 dBm, VR = 1.5 V
*1
90
700
µA
Monitor Dark Current
ID
VR = 1.5 V, TC = 25
°C
5
nA
VR = 1.5 V
50
Rise Time
tr
20-80%
*1
30
50
ps
Fall Time
tf
20-80%
*1
40
50
ps
Extinction Ratio
Ex
10 GbE, 10 G FC
*1
4
5
dB
Tracking Error
*2
γ
−1.0
1.0
dB
Input Impedance
Zin
25
Connector Repeatability
CR
With master pigtail
−1.0
1.0
dB
*1 9.95/10.3/10.5 Gb/s, PRBS 2
31
−1, NRZ, Duty Cycle = 50%
*2 Tracking Error:
γ
0
Im
Im
TC = 25˚C
TC = –5 to +85˚C
Pf
(mW)
Pf
Pf @ 25˚C
(mA)
γ = 10 log
[dB]
Pf
Pf @ 25˚C
Data Sheet PL10525EJ03V0DS
11


Similar Part No. - NX8341UN-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8341UN-AZ CEL-NX8341UN-AZ Datasheet
351Kb / 13P
   1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results

Similar Description - NX8341UN-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8346TS CEL-NX8346TS Datasheet
195Kb / 8P
   1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8346TB CEL-NX8346TB Datasheet
205Kb / 9P
   1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8341 CEL-NX8341_06 Datasheet
351Kb / 13P
   1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
NEC
NX8346TB NEC-NX8346TB Datasheet
102Kb / 9P
   1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8346TS NEC-NX8346TS Datasheet
89Kb / 8P
   1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8346TS RENESAS-NX8346TS Datasheet
172Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8369TB RENESAS-NX8369TB Datasheet
213Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8369TB CEL-NX8369TB Datasheet
214Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8349TB RENESAS-NX8349TB_15 Datasheet
204Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349YK RENESAS-NX8349YK_15 Datasheet
253Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com