Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBR50SA060 Datasheet(PDF) 1 Page - Fuji Electric

Part # 7MBR50SA060
Description  IGBT(600V/50A/PIM)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR50SA060 Datasheet(HTML) 1 Page - Fuji Electric

  7MBR50SA060 Datasheet HTML 1Page - Fuji Electric 7MBR50SA060 Datasheet HTML 2Page - Fuji Electric 7MBR50SA060 Datasheet HTML 3Page - Fuji Electric 7MBR50SA060 Datasheet HTML 4Page - Fuji Electric 7MBR50SA060 Datasheet HTML 5Page - Fuji Electric 7MBR50SA060 Datasheet HTML 6Page - Fuji Electric 7MBR50SA060 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
7MBR50SA060
IGBT Modules
Applications
· Inverter for motor drive
· AC and DC servo drive amplifier
· Uninterruptible power supply
Maximum ratings and characteristics
Absolute maximum ratings (Tc=25°C unless without specified)
Item
Symbol
Condition
Rat ing
Unit
Collector-Emitter voltage
Gate-Emitter voltage
Collector current
Collector power dissipation
Collector-Emitter voltage
Gate-Emitter voltage
Collector current
Collector power dissipation
Repetitive peak reverse voltage
Repetitive peak reverse voltage
Average output current
Surge current (Non-Repetitive)
I2t
(Non-Repetitive)
Operating junction temperature
Storage temperature
Isolation between terminal and copper base *2
voltage
between thermistor and others *3
Mounting screw torque
VCES
VGES
IC
ICP
-IC
PC
VCES
VGES
IC
ICP
PC
VRRM
VRRM
IO
IFSM
I2t
Tj
Tstg
Viso
Continuous
1ms
1 device
Continuous
1ms
1 device
50Hz/60Hz sine wave
Tj=150°C, 10ms
half sine wave
AC : 1 minute
600
±20
50
100
50
200
600
±20
30
60
120
600
800
50
350
613
+150
-40 to +125
AC 2500
AC 2500
3.5 *1
V
V
A
A
A
W
V
V
A
A
W
V
V
A
A
A2s
°C
°C
V
V
N·m
*1 Recommendable value : 2.5 to 3.5 N·m (M5)
*2 All terminals should be connected together when isolation test will be done.
*3 Terminal 8 and 9 should be connected together. Terminal 1 to 7 and 10 to 24
should be connected together and shorted to copper base.
IGBT MODULE (S series)
600V / 50A / PIM
Features
· Low VCE(sat)
· Compact package
· P.C. board mount
· Converter diode bridge, Dynamic brake circuit


Similar Part No. - 7MBR50SA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50SA060-01 FUJI-7MBR50SA060-01 Datasheet
438Kb / 10P
   IGBT Module
More results

Similar Description - 7MBR50SA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50SB060 FUJI-7MBR50SB060 Datasheet
588Kb / 7P
   IGBT(600V/50A/PIM)
7MBR50NF060 FUJI-7MBR50NF060 Datasheet
263Kb / 9P
   600V/50A/PIM
7MBR50U2A060 FUJI-7MBR50U2A060 Datasheet
183Kb / 7P
   IGBT MODULE (U series) 600V / 50A / PIM
logo
MacMic
MMG50W060XB6EN MACMIC-MMG50W060XB6EN Datasheet
434Kb / 9P
   600V 50A PIM Module
MMG50H060XB6EN MACMIC-MMG50H060XB6EN Datasheet
1Mb / 9P
   600V 50A PIM Module
logo
Fuji Electric
7MBR50SB120 FUJI-7MBR50SB120 Datasheet
576Kb / 7P
   IGBT(1200V/50A/PIM)
7MBR50UA120 FUJI-7MBR50UA120 Datasheet
190Kb / 7P
   IGBT MODULE (1200V / 50A / PIM)
2MBI50N-060 FUJI-2MBI50N-060 Datasheet
154Kb / 4P
   IGBT(600V 50A)
logo
Renesas Technology Corp
RJH60D7BDPQ-E0 RENESAS-RJH60D7BDPQ-E0_16 Datasheet
334Kb / 10P
   600V - 50A - IGBT
logo
Fuji Electric
6MBI50F-060 FUJI-6MBI50F-060 Datasheet
121Kb / 4P
   IGBT(600V 50A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com