Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6207PD013TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6207PD013TR
Description  DMOS dual full bridge driver with PWM current controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207PD013TR Datasheet(HTML) 4 Page - STMicroelectronics

  L6207PD013TR Datasheet HTML 1Page - STMicroelectronics L6207PD013TR Datasheet HTML 2Page - STMicroelectronics L6207PD013TR Datasheet HTML 3Page - STMicroelectronics L6207PD013TR Datasheet HTML 4Page - STMicroelectronics L6207PD013TR Datasheet HTML 5Page - STMicroelectronics L6207PD013TR Datasheet HTML 6Page - STMicroelectronics L6207PD013TR Datasheet HTML 7Page - STMicroelectronics L6207PD013TR Datasheet HTML 8Page - STMicroelectronics L6207PD013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Maximum ratings
L6207
4/33
DocID7513 Rev 2
2
Maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Test conditions
Value
Unit
VS
Supply voltage
VSA = VSB = VS
60
V
VOD
Differential voltage between
VSA, OUT1A, OUT2A, SENSEA and
VSB, OUT1B, OUT2B, SENSEB
VSA = VSB = VS = 60 V;
VSENSEA = VSENSEB = GND
60
V
VBOOT
Bootstrap peak voltage
VSA = VSB = VS
VS + 10
V
VIN, VEN
Input and enable voltage range
-0.3 to +7
V
VREFA,
VREFB
Voltage range at pins VREFA and VREFB
-0.3 to +7
V
VRCA, VRCB Voltage range at pins RCA and RCB
-0.3 to +7
V
VSENSEA,
VSENSEB
Voltage range at pins SENSEA and
SENSEB
-1 to +4
V
IS(peak)
Pulsed supply current (for each VS pin),
internally limited by the overcurrent
protection
VSA = VSB = VS;
tPULSE < 1 ms
7.1
A
IS
RMS supply current (for each VS pin)
VSA = VSB = VS
2.8
A
Tstg, TOP Storage and operating temperature range
-40 to 150
C
Table 2. Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Max.
Unit
VS
Supply voltage
VSA = VSB = VS
852
V
VOD
Differential voltage between
VSA, OUT1A, OUT2A, SENSEA and
VSB, OUT1B, OUT2B, SENSEB
VSA = VSB = VS;
VSENSEA = VSENSEB
52
V
VREFA,
VREFB
Voltage range at pins VREFA and VREFB
-0.1
5
V
VSENSEA,
VSENSEB
Voltage range at pins SENSEA and
SENSEB
(pulsed tW < trr)
(DC)
-6
-1
6
1
V
V
IOUT
RMS output current
2.8
A
Tj
Operating junction temperature
-25
+125
°C
fsw
Switching frequency
100
KHz


Similar Part No. - L6207PD013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6207PD STMICROELECTRONICS-L6207PD Datasheet
387Kb / 23P
   DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
More results

Similar Description - L6207PD013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6227Q STMICROELECTRONICS-L6227Q_09 Datasheet
389Kb / 27P
   DMOS dual full bridge driver with PWM current controller
L6227 STMICROELECTRONICS-L6227 Datasheet
380Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
L6227Q STMICROELECTRONICS-L6227Q Datasheet
437Kb / 27P
   DMOS dual full bridge driver with PWM current controller
L6207 STMICROELECTRONICS-L6207 Datasheet
387Kb / 23P
   DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com