Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6386ADTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6386ADTR
Description  High voltage high and low-side driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386ADTR Datasheet(HTML) 5 Page - STMicroelectronics

  L6386ADTR Datasheet HTML 1Page - STMicroelectronics L6386ADTR Datasheet HTML 2Page - STMicroelectronics L6386ADTR Datasheet HTML 3Page - STMicroelectronics L6386ADTR Datasheet HTML 4Page - STMicroelectronics L6386ADTR Datasheet HTML 5Page - STMicroelectronics L6386ADTR Datasheet HTML 6Page - STMicroelectronics L6386ADTR Datasheet HTML 7Page - STMicroelectronics L6386ADTR Datasheet HTML 8Page - STMicroelectronics L6386ADTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID14914 Rev 2
5/15
L6386AD
Electrical data
15
2.4
Pin connection
Figure 2. Pin connection (top view)
Table 5. Pin description
No.
Pin
Type
Function
1
LIN
I
Low-side driver logic input
2
SD(1)
1. The circuit guarantees 0.3 V maximum on the pin (at Isink = 10 mA), with VCC > 3 V. This allows to omit the
“bleeder” resistor connected between the gate and the source of the external MOSFET normally used to
hold the pin low; the gate driver assures low impedance also in SD condition.
I
Shutdown logic input
3
HIN
I
High-side driver logic input
4
VCC
P
Low voltage supply
5
DIAG
O
Open drain diagnostic output
6
CIN
I
Comparator input
7
SGND
P
Ground
8
PGND
P
Power ground
9
LVG(1)
O
Low-side driver output
10, 11
N.C.
Not connected
12
OUT
P
High-side driver floating driver
13
HVG(1)
O
High-side driver output
14
Vboot
P
Bootstrapped supply voltage
LIN
SD
HIN
VCC
DIAG
SGND
CIN
1
3
2
4
5
6
7
PGND
N.C.
LVG
N.C.
OUT
HVG
Vboot
14
13
12
11
10
8
9
D97IN521A


Similar Part No. - L6386ADTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386AD STMICROELECTRONICS-L6386AD Datasheet
208Kb / 17P
   High-voltage high and low side driver
L6386AD013TR STMICROELECTRONICS-L6386AD013TR Datasheet
208Kb / 17P
   High-voltage high and low side driver
More results

Similar Description - L6386ADTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
   High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
   High voltage high and low-side driver
March 2017 Rev 2
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
logo
ON Semiconductor
NCP5304 ONSEMI-NCP5304_14 Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
NCP5111 ONSEMI-NCP5111 Datasheet
124Kb / 14P
   High Voltage, High and Low Side Driver
March, 2008 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com