Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBD23107 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PBD23107
Description  MODEL LDD - LARGE DIGIT DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PBD23107 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PBD23107 Datasheet HTML 1Page - List of Unclassifed Manufacturers PBD23107 Datasheet HTML 2Page - List of Unclassifed Manufacturers PBD23107 Datasheet HTML 3Page - List of Unclassifed Manufacturers PBD23107 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MODEL NO.
DESCRIPTION
PART NUMBER
PBLCK
Apollo Real Time Clock Module for use with
PBLCK000
the 6-digit Large Digit Display (1)
Apollo 4-digit Process Time Module for use
PBLPT400
PBLPT
with the 4-digit Large Digit Display
Apollo 5-digit Process Time Module for use
PBLPT500
with the 6-digit Large Digit Display (2)
PBLR
Apollo Time Base Rate Module for use
PBLR0600
with the 4 or 6-digit Large Digit Display (3)
PBLRI
Apollo Time Interval Rate Module for use
PBLRI600
with the 4 or 6-digit Large Digit Display (4)
PBLT
Apollo 6-digit Totalizer Module for use
PBLT0600
with the 4 or 6-digit Large Digit Display (5)
(1) See APLCK Bulletin for operating specifications.
(2) See APLPT Bulletin for operating specifications.
(3) See APLR Bulletin for operating specifications.
(4) See APLRI Bulletin for operating specifications.
(5) See APLT Bulletin for operating specifications.
1. TOTALIZER
2. LINEARIZER
4-20 mA
MODEL NO.
DESCRIPTION
+18 VDC
3. PEAK/VALLEY
DUAL
SERIAL
ANALOG
PART NUMBER
EXCITATION
4. TARE
ALARM
OUTPUT
OUTPUT
5. E2-CON
6. EFFICIENCY
Intelligent Meter Modules
NO
NO
NO
NO
NO
PBD10000
For Decade Voltage Inputs
*
YES
NO
NO
NO
NO
PBD10100
PBD1
YES
NO
YES
NO
NO
PBD10102
(See IMD1 Bulletin for operating
YES
1, 2, 3, 4, 5
NO
NO
NO
PBD13100
Specifications.)
YES
1, 2, 3, 4, 5
YES
YES
YES
PBD13107
Intelligent Meter Modules
NO
NO
NO
NO
NO
PBD20000
For Decade Current Input
*
YES
NO
NO
NO
NO
PBD20100
PBD2
YES
NO
YES
NO
NO
PBD20102
(See IMD2 Bulletin for operating
YES
1, 2, 3, 4, 5
NO
NO
NO
PBD23100
Specifications.)
YES
1, 2, 3, 4, 5
YES
YES
YES
PBD23107
Intelligent Serial Slave Display Module
*
20 mA SRC
3, 5
NO
YES
NO
PBA04101
PBA
(See IMA Bulletin for operating
20 mA SRC
3, 5
YES
YES
NO
PBA04104
Specifications.)
20 mA SRC
3, 5
YES
YES
YES
PBA04107
+12 VDC
1, 2, 3, 5, 6
NO
NO
NO
PBI04100
Intelligent Digital Rate Meter
*
+12 VDC
1, 2, 3, 5, 6
NO
YES
NO
PBI04101
PBI
(See IMI Bulletin for operating
+12 VDC
1, 2, 3, 5, 6
YES
NO
NO
PBI04102
Specifications.)
+12 VDC
1, 2, 3, 5, 6
NO
NO
YES
PBI04103
+12 VDC
1, 2, 3, 5, 6
YES
YES
YES
PBI04107
PGM
Programming Box
PGM00000
* Note: All the above Intelligent Meter modules require a 6-digit Large Digit Display, Model LDD00600 or LDD0G600.
ORDERING INFORMATION FOR APOLLO INTELLIGENT METER MODULES
ORDERING INFORMATION
FOR APOLLO PERSONALITY MODULES
ORDERING INFORMATION FOR LARGE DIGIT DISPLAY
MODEL NO.
DESCRIPTION
PART NUMBER
4-digit, Red Large Digit Display
LDD00400
LDD
4-digit, Green Large Digit Display
LDD0G400
6-digit, Red Large Digit Display
LDD00600
6-digit, Green Large Digit Display
LDD0G600
MB6
Mounting Brackets
MB600000
ENC7
LDD NEMA 4/IP65 Enclosure
ENC70000
SHR
Shroud For LDD
SHR10000
ORDERING INFORMATION
FOR APOLLO BCD SLAVE MODULE
MODEL NO.
DESCRIPTION
PART NUMBER
Apollo BCD Slave Display Module for use
PBLSP
with 4 or 6-digit Large Digit Display
PBLSP600
(See APLSP Bulletin for operating
specifications.)
PERSONALITY MODULES
The following Apollo and IM capabilities are available as modules for the
Large Digit Display (LDD). These modules are ordered separately from the
LDD (see ordering information), and can quickly be installed by the user (see
“Set-up” for further details).
Application
Model
Digit Display
Number
Required
Counting (Totalization)
PBLT0600
4/6-digit
Tachometer/Rate (Time Base)
PBLR0600
4/6-digit
Tachometer/Rate (Time Interval)
PBLRI600
4/6-digit
Process Time (Decimal Point)
PBLPT400
4-digit
Process Time (Chronometer)
PBLPT500
6-digit
Real Time Clock/Elapsed Time
PBLCK000
6-digit
Intelligent Decade Voltmeter (IMD1)
PBD1xxxx
6-digit
Intelligent Decade Current Meter (IMD2)
PBD2xxxx
6-digit
Intelligent Rate Meter (IMI)
PBIxxxxx
6-digit
Intelligent Slave Display (IMA)
PBAxxxxx
6-digit
Apollo Slave Display (APLSP)
PBLSP600
4/6-digit
TROUBLESHOOTING
For further technical assistance, contact technical support at the appropriate
company numbers listed.


Similar Part No. - PBD23107

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PBD1211 SCHURTER-PBD1211 Datasheet
268Kb / 2P
   PBD 1211 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A, flux-proof
logo
Ericsson
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
PBD35171 ERICSSON-PBD35171 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
PBD35171N ERICSSON-PBD35171N Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
PBD35171SO ERICSSON-PBD35171SO Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
More results

Similar Description - PBD23107

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
WIG-13279 SPARKFUN-WIG-13279 Datasheet
425Kb / 2P
   SparkFun Large Digit Driver
8-7-18
logo
List of Unclassifed Man...
C-1801X ETC-C-1801X Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
C-5001H ETC-C-5001H Datasheet
80Kb / 1P
   SINGLE DIGIT DISPLAY
A-301E-11 ETC-A-301E-11 Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
C-1021X ETC-C-1021X Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
C-1501X ETC-C-1501X Datasheet
90Kb / 1P
   SINGLE DIGIT DISPLAY
logo
Ningbo Foryard Optoelec...
FYS-3612AX FORYARD-FYS-3612AX_1 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
FYS-4011EX FORYARD-FYS-4011EX_1 Datasheet
330Kb / 5P
   LED DIGIT DISPLAY
FYS-4311AX FORYARD-FYS-4311AX_1 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
FYS-5011AX FORYARD-FYS-5011AX_1 Datasheet
326Kb / 5P
   LED DIGIT DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com