Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2412 Datasheet(PDF) 3 Page - NEC

Part # 2SK2412
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2412 Datasheet(HTML) 3 Page - NEC

  2SK2412 Datasheet HTML 1Page - NEC 2SK2412 Datasheet HTML 2Page - NEC 2SK2412 Datasheet HTML 3Page - NEC 2SK2412 Datasheet HTML 4Page - NEC 2SK2412 Datasheet HTML 5Page - NEC 2SK2412 Datasheet HTML 6Page - NEC 2SK2412 Datasheet HTML 7Page - NEC 2SK2412 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK2412
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
FORWARD BIAS SAFE OPERATING AREA
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
40
60
80
100
120
140
160
20
40
60
80
100
20
40
60
80
100
120
140
160
10
20
30
40
50
100
10
1
1
10
100
Pulsed
0
2
20
40
60
80
46
8
10
12
0
10
48
100
1000
VGS - Gate to Source Voltage - V
VDS - Drain to Source Voltage - V
VDS - Drain to Source Voltage - V
Tc - Case Temperature - ˚C
Tc - Case Temperature - ˚C
0
20
0
1
2
3
567
0.1
1
R
DS
(on)
Limited
(at
V
GS
=
10
V)
ID (pulse)
ID (DC)
Tc = 25 ˚C
Single Pulse
VGS = 10 V
VGS = 4 V
VGS = 6 V
Pulsed
TA = –25 ˚C
25 ˚C
125 ˚C
VDS = 10 V


Similar Part No. - 2SK2412

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2412 ISC-2SK2412 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2412 RENESAS-2SK2412 Datasheet
303Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1994
More results

Similar Description - 2SK2412

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com