Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2155B Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SF2155B
Description  153.6 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2155B Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SF2155B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2155B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2155B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2155B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2155B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF2155B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 4 of 6
©2009 by RF Monolithics, Inc.
SF2155B - 11/3/09
SF2155B Passband Phase Ripple
SF2155B Test Circuit
5 .  # # *
2
3
4
6
8
7
5
6 8 n H
1 5 p F
1
1 8 0 n H
1 2 p F
5 0 o h m s
5 0 o h m s
9
1 0
L 1
L 2
C 1
C 2
1 1
1 2
A l l t u n i n g c o m p o n e n t s a r e 0 8 0 5
I n d u c t o r s a r e C o i l c r a f t
CH 2
S21
PH A
90
/RE F 0
CE NT ER
156
. 000
000
MH z
SPAN
100
. 000
000
M Hz
C
Del
Hl d
29 Oct 2008 14:21:01
1
2
3
3 : - 1 . 771 5
-20
. 000
000
M Hz
RE F=2
CH2
Markers
mean
: 34 . 080
s . dev
: 1 . 3900
p- p
: 6 . 1304
phase ripple
Full


Similar Part No. - SF2155B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2155B RFM-SF2155B Datasheet
810Kb / 6P
   153.6 MHz SAW Filter
More results

Similar Description - SF2155B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856048 TRIQUINT-856048 Datasheet
546Kb / 5P
   153.6 MHz SAW Filter
logo
RF Monolithics, Inc
SF2155B RFM-SF2155B Datasheet
810Kb / 6P
   153.6 MHz SAW Filter
logo
TriQuint Semiconductor
856517 TRIQUINT-856517_15 Datasheet
627Kb / 6P
   153.6 MHz SAW Filter
856748 TRIQUINT-856748_15 Datasheet
442Kb / 5P
   153.6 MHz SAW Filter
logo
RF Monolithics, Inc
SF1095A RFM-SF1095A Datasheet
202Kb / 8P
   153.6 MHz SAW Filter
logo
API Technologies Corp
SF0154BA03191S APITECH-SF0154BA03191S Datasheet
219Kb / 3P
   153.6 MHz SAW Filter 20 MHz Bandwidth
logo
Oscilent Corporation
867-SL153.6M-20A OSCILENT-867-SL153.6M-20A Datasheet
236Kb / 6P
   153.6 MHz IF SAW Filter 23.5 MHz Bandwidth
logo
KR Electronics, Inc.
2823-80 KR-2823-80 Datasheet
50Kb / 2P
   153.6 MHz group delay equalized bandpass filter
2823-30 KR-2823-30 Datasheet
50Kb / 2P
   153.6 MHz group delay equalized bandpass filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com