Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR21HD22NSZ Datasheet(PDF) 1 Page - Sharp Corporation

Part # PR21HD22NSZ
Description  IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR21HD22NSZ Datasheet(HTML) 1 Page - Sharp Corporation

  PR21HD22NSZ Datasheet HTML 1Page - Sharp Corporation PR21HD22NSZ Datasheet HTML 2Page - Sharp Corporation PR21HD22NSZ Datasheet HTML 3Page - Sharp Corporation PR21HD22NSZ Datasheet HTML 4Page - Sharp Corporation PR21HD22NSZ Datasheet HTML 5Page - Sharp Corporation PR21HD22NSZ Datasheet HTML 6Page - Sharp Corporation PR21HD22NSZ Datasheet HTML 7Page - Sharp Corporation PR21HD22NSZ Datasheet HTML 8Page - Sharp Corporation PR21HD22NSZ Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PR21HD22NSZ Series
PR31HD22NSZ Series
■ Features
IT(rms)≤1.5A, Low trigger current
Zero Cross type
DIP 16pin
Triac output SSR
1. Output current, IT(rms)≤1.5A
2. Zero crossing functionary
3. 16 pin DIP package
4. Low minimum trigger current (IFT : MAX.5mA)
5. High repetitive peak off-state voltage
(VDRM : 600V, PR31HD22NSZ Series)
(VDRM : 400V, PR21HD22NSZ Series)
6. Superior noise immunity (dV/dt : MIN. 100V/µs)
7. Response time, ton : MAX. 100µs
8. Lead-free terminal components are also available
(see Model Line-up section in this datasheet)
9. High isolation voltage between input and output
(Viso(rms) : 4.0kV)
■ Description
PR21HD22NSZ Series and PR31HD22NSZ Series
Solid State Relays (SSR) are an integration of an
infrared emitting diode (IRED), a Phototriac Detector
and a main output Triac. These devices are ideally
suited for controlling high voltage AC loads with solid
state reliability while providing 4.0kV isolation
(Viso(rms)) from input to output.
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PR21HD22NSZ Series
PR31HD22NSZ Series
Sheet No.: D4-A01401EN
Date Mar. 31. 2004
© SHARP Corporation
■ Agency approvals/Compliance
1. Isolated interface between high voltage AC devices
and lower voltage DC control circuitry.
2. Switching motors, fans, heaters, solenoids, and
valves.
3. Power control in applications such as lighting and
temperature control equipment.
■ Applications
1. Package resin : UL flammability grade (94V-0)


Similar Part No. - PR21HD22NSZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
PR21 CUI-PR21 Datasheet
442Kb / 6P
   POWER RELAY
08/09/2022
logo
CUI Devices
PR21 CUID-PR21 Datasheet
441Kb / 6P
   POWER RELAY
08/09/2022
logo
CUI INC
PR21-12V-400-2A CUI-PR21-12V-400-2A Datasheet
442Kb / 6P
   POWER RELAY
08/09/2022
logo
CUI Devices
PR21-12V-400-2A CUID-PR21-12V-400-2A Datasheet
441Kb / 6P
   POWER RELAY
08/09/2022
logo
CUI INC
PR21-12V-400-2C CUI-PR21-12V-400-2C Datasheet
442Kb / 6P
   POWER RELAY
08/09/2022
More results

Similar Description - PR21HD22NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S116S02 SHARP-S116S02 Datasheet
238Kb / 13P
   IT(rms)??6A, Zero Cross type SIP 4pin Triac output SSR
PR26MF11NIP SHARP-PR26MF11NIP Datasheet
317Kb / 15P
   IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
S202TY2 SHARP-S202TY2 Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
   IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
S102S02F SHARP-S102S02F Datasheet
239Kb / 13P
   IT(rms)??A, Non-Zero Cross type SIP 4pin Triac output SSR
S208T02F SHARP-S208T02F Datasheet
245Kb / 13P
   IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
S208T01F SHARP-S208T01F Datasheet
245Kb / 13P
   IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com