Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN027-100BS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN027-100BS
Description  N-channel 100V 26.8 m standard level MOSFET in D2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN027-100BS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN027-100BS Datasheet HTML 2Page - NXP Semiconductors PSMN027-100BS Datasheet HTML 3Page - NXP Semiconductors PSMN027-100BS Datasheet HTML 4Page - NXP Semiconductors PSMN027-100BS Datasheet HTML 5Page - NXP Semiconductors PSMN027-100BS Datasheet HTML 6Page - NXP Semiconductors PSMN027-100BS Datasheet HTML 7Page - NXP Semiconductors PSMN027-100BS Datasheet HTML 8Page - NXP Semiconductors PSMN027-100BS Datasheet HTML 9Page - NXP Semiconductors PSMN027-100BS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PSMN027-100BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 March 2012
6 of 14
NXP Semiconductors
PSMN027-100BS
N-channel 100V 26.8 m
Ω standard level MOSFET in D2PAK.
Source-drain diode
VSD
source-drain voltage
IS =15A; VGS =0V; Tj =25°C;
see Figure 17
-0.8
1.2
V
trr
reverse recovery time
IS =10A; dIS/dt = 100 A/µs; VGS =0V;
VDS =50V
-47
-ns
Qr
recovered charge
-
91
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Forward transconductance as a function of
drain current; typical values
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 7.
Input and reverse transfer capacitances as a
function of gate-source voltage; typical values
Fig 8.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aae046
0
15
30
45
60
010
20
30
40
I
D (A)
g
fs
(S)
003aae045
0
10
20
30
40
0246
V
GS(V)
I
D
(A)
T
j = 25 °C
T
j = 175 °C
003aae047
0
1000
2000
3000
05
10
V
GS(V)
C
(pF)
Ciss
Crss
003aae049
0
30
60
90
120
0
5
10
15
20
V
GS(V)
R
DSon
(m
Ω)


Similar Part No. - PSMN027-100BS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN027-100BS NEXPERIA-PSMN027-100BS Datasheet
805Kb / 14P
   N-channel 100V 26.8 mΩ standard level MOSFET in D2PAK.
Rev. 2 - 1 March 2012
logo
NXP Semiconductors
PSMN027-100BS PHILIPS-PSMN027-100BS_15 Datasheet
210Kb / 14P
   N-channel 100V 26.8 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
More results

Similar Description - PSMN027-100BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN027-100BS PHILIPS-PSMN027-100BS_15 Datasheet
210Kb / 14P
   N-channel 100V 26.8 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
logo
Nexperia B.V. All right...
PSMN027-100BS NEXPERIA-PSMN027-100BS Datasheet
805Kb / 14P
   N-channel 100V 26.8 mΩ standard level MOSFET in D2PAK.
Rev. 2 - 1 March 2012
logo
NXP Semiconductors
PSMN027-100PS NXP-PSMN027-100PS Datasheet
248Kb / 14P
   N-channel 100V 26.8 m廓 standard level MOSFET in TO220
Rev. 02-7 January 2010
logo
Nexperia B.V. All right...
PSMN027-100XS NEXPERIA-PSMN027-100XS Datasheet
362Kb / 16P
   N-channel 100V 26.8 m廓 standard level MOSFET in TO220F(SOT186A)
PSMN027-100PS NEXPERIA-PSMN027-100PS Datasheet
805Kb / 14P
   N-channel 100V 26.8 mΩ standard level MOSFET in TO220
Rev. 3 - 12 September 2011
PSMN016-100BS NEXPERIA-PSMN016-100BS Datasheet
805Kb / 14P
   N-channel 100V 16 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN7R0-100BS NXP-PSMN7R0-100BS Datasheet
229Kb / 14P
   N-channel 100V 6.8 m廓 standard level MOSFET in D2PAK.
Rev. 2-2 March 2012
PSMN016-100BS PHILIPS-PSMN016-100BS_15 Datasheet
208Kb / 14P
   N-channel 100V 16 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
logo
Nexperia B.V. All right...
PSMN013-100BS NEXPERIA-PSMN013-100BS Datasheet
736Kb / 13P
   N-channel 100V 13.9mΩ standard level MOSFET in D2PAK
21 February 2014
logo
NXP Semiconductors
PSMN013-100BS NXP-PSMN013-100BS Datasheet
229Kb / 15P
   N-channel 100V 13.9m廓 standard level MOSFET in D2PAK
Rev. 01-6 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com