Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si3056-KS Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # Si3056-KS
Description  GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Si3056-KS Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button Si3056-KS Datasheet HTML 3Page - List of Unclassifed Manufacturers Si3056-KS Datasheet HTML 4Page - List of Unclassifed Manufacturers Si3056-KS Datasheet HTML 5Page - List of Unclassifed Manufacturers Si3056-KS Datasheet HTML 6Page - List of Unclassifed Manufacturers Si3056-KS Datasheet HTML 7Page - List of Unclassifed Manufacturers Si3056-KS Datasheet HTML 8Page - List of Unclassifed Manufacturers Si3056-KS Datasheet HTML 9Page - List of Unclassifed Manufacturers Si3056-KS Datasheet HTML 10Page - List of Unclassifed Manufacturers Si3056-KS Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
Si3056
Si3018/19/10
Rev. 1.05
7
Table 3. DC Characteristics, VD =3.3 V
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
2.4
V
Low Level Input Voltage
VIL
——
0.8
V
High Level Output Voltage
VOH
IO =–2 mA
2.4
V
Low Level Output Voltage
VOL
IO = 2 mA
0.35
V
Input Leakage Current
IL
–10
10
µA
Power Supply Current, Digital1
ID
VD pin
15
mA
Total Supply Current, Sleep Mode1
ID
PDN = 1, PDL = 0
9
mA
Total Supply Current, Deep Sleep1,2
ID
PDN = 1, PDL = 1
1
mA
Notes:
1. All inputs at 0.4 or VD – 0.4 (CMOS levels). All inputs are held static except clock and all outputs unloaded
(Static IOUT = 0mA).
2. RGDT is not functional in this state.


Similar Part No. - Si3056-KS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3056-KS SILABS-SI3056-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
More results

Similar Description - Si3056-KS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com