Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si3018-X-FS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # Si3018-X-FS
Description  GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Si3018-X-FS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Si3018-X-FS Datasheet HTML 1Page - List of Unclassifed Manufacturers Si3018-X-FS Datasheet HTML 2Page - List of Unclassifed Manufacturers Si3018-X-FS Datasheet HTML 3Page - List of Unclassifed Manufacturers Si3018-X-FS Datasheet HTML 4Page - List of Unclassifed Manufacturers Si3018-X-FS Datasheet HTML 5Page - List of Unclassifed Manufacturers Si3018-X-FS Datasheet HTML 6Page - List of Unclassifed Manufacturers Si3018-X-FS Datasheet HTML 7Page - List of Unclassifed Manufacturers Si3018-X-FS Datasheet HTML 8Page - List of Unclassifed Manufacturers Si3018-X-FS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
Rev. 1.05 6/05
Copyright © 2005 by Silicon Laboratories
Si3056
Si3056
Si3018/19/10
GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
Features
Complete DAA includes the following:
Applications
Description
The Si3056 is an integrated direct access arrangement (DAA) with a
programmable line interface to meet global telephone line requirements. Available
in two 16-pin small outline packages, it eliminates the need for an analog front end
(AFE), isolation transformer, relays, opto-isolators, and a 2- to 4-wire hybrid. The
Si3056 dramatically reduces the number of discrete components and cost
required to achieve compliance with global regulatory requirements. The Si3056
interfaces directly to standard modem DSPs.
Functional Block Diagram
Programmable line interface
AC termination
DC termination
Ring detect threshold
Ringer impedance
80 dB dynamic range TX/RX paths
Integrated codec and 2- to 4-wire
hybrid
Integrated ring detector
Type I and II caller ID support
Line voltage monitor
Loop current monitor
Polarity reversal detection
Programmable digital gain
Clock generation
Pulse dialing support
Overload detection
3.3 V power supply
Direct interface to DSPs
Serial interface control for up to eight
devices
>5000 V isolation
Proprietary isolation technology
Parallel handset detection
+3.2 dBm TX/RX level mode
Programmable digital hybrid for near-
end echo reduction
Low-profile SOIC packages
Lead-free/RoHS-compliant packages
available
V.92 modems
Voice mail systems
Multi-function printers
Set-top boxes
Fax machines
Internet appliances
Personal digital
assistants
Isolation
Interface
Hybrid and
dc
Termination
Ring Detect
Off-Hook
Isolation
Interface
Digital
Interface
Control
Interface
Si3056
Si3018/19/10
QE2
QE
QB
RNG2
RNG1
DCT3
DCT2
VREG2
VREG
DCT
SC
IB
RX
MCLK
SCLK
FSYNC
SDI
SDO
FC/RGDT
RGDT/FSD/M1
OFHK
M0
RESET
AOUT/INT
US Patent # 5,870,046
US Patent # 6,061,009
Other Patents Pending
Ordering Information
See page 88.
Pin Assignments
Si3056
Si3018/19/10
FC/RGDT
1
2
3
4
5
6
7
8
10
9
11
12
13
14
15
16
MCLK
FSYNC
SCLK
V
D
SDO
SDI
RESET
OFHK
RGDT/FSD/M1
M0
V
A
GND
AOUT/INT
C1A
C2A
1
2
3
4
5
6
7
8
10
9
11
12
13
14
15
16
DCT2
IGND
DCT3
QB
QE2
SC
VREG2
RNG2
QE
DCT
RX
IB
C1B
C2B
VREG
RNG1


Similar Part No. - Si3018-X-FS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3018-X-FS SILABS-SI3018-X-FS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
More results

Similar Description - Si3018-X-FS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com