Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV75K4032 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PV75K4032
Description  Low Medium Voltage Plastic Encapsulated SMD Varistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PV75K4032 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PV75K4032 Datasheet HTML 1Page - List of Unclassifed Manufacturers PV75K4032 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev Date: 08/15/2011
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
PV Series
Low & Medium Voltage Plastic Encapsulated SMD Varistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Vn
Imax
CTYP
hL
W
t
@ 1mA
8/20 μs
@ 1kHz
± 0.3
± 0.5
± 0.4
± 0.3
(volts)
(amps)
(pF)
(mm)
(mm)
(mm)
(mm)
PV 11 K 3225
11
14
18
36
2.5
0.6
0.01
100
1,600
1.70
8.0
6.3
3.4
PV 11 K 4032
11
14
18
36
5.0
1.1
0.02
250
3,100
2.30
10.0
8.0
4.7
PV 14 K 3225
14
18
22
43
2.5
0.7
0.01
100
1,300
1.70
8.0
6.3
3.4
PV 14 K 4032
14
18
22
43
5.0
1.3
0.02
250
2,500
2.30
10.0
8.0
4.7
PV 17 K 3225
17
22
27
53
2.5
0.9
0.01
100
1,050
1.70
8.0
6.3
3.4
PV 17 K 4032
17
22
27
53
5.0
1.6
0.02
250
1,900
2.30
10.0
8.0
4.7
PV 20 K 3225
20
26
33
65
2.5
1.1
0.01
100
750
1.70
8.0
6.3
3.4
PV 20 K 4032
20
26
33
65
5.0
2.0
0.02
250
1,500
2.30
10.0
8.0
4.7
PV 25 K 3225
25
31
39
77
2.5
1.2
0.01
100
660
1.70
8.0
6.3
3.4
PV 25 K 4032
25
31
39
77
5.0
2.4
0.02
250
1,260
2.30
10.0
8.0
4.7
PV 30 K 3225
30
38
47
93
2.5
1.5
0.01
100
580
1.70
8.0
6.3
3.4
PV 30 K 4032
30
38
47
93
5.0
2.8
0.02
250
1,050
2.30
10.0
8.0
4.7
PV 35 K 3225
35
45
56
110
2.5
1.8
0.01
100
460
1.70
8.0
6.3
3.4
PV 35 K 4032
35
45
56
110
5.0
3.4
0.02
250
850
2.30
10.0
8.0
4.7
PV 40 K 3225
40
56
68
135
2.5
2.2
0.01
100
400
1.70
8.0
6.3
3.4
PV 40 K 4032
40
56
68
135
5.0
4.1
0.02
250
720
2.30
10.0
8.0
4.7
PV 50 K 3225
50
65
82
135
5.0
2.5
0.10
400
390
1.70
8.0
6.3
3.4
PV 50 K 4032
50
65
82
135
10.0
6.5
0.25
1,200
820
2.30
10.0
8.0
4.7
PV 60 K 3225
60
85
100
165
5.0
3.0
0.10
400
330
1.70
8.0
6.3
3.4
PV 60 K 4032
60
85
100
165
10.0
7.0
0.25
1,200
680
2.30
10.0
8.0
4.7
PV 75 K 3225
75
100
120
200
5.0
4.0
0.10
400
270
1.70
8.0
6.3
3.4
PV 75 K 4032
75
100
120
200
10.0
9.0
0.25
1,200
550
2.30
10.0
8.0
4.7
PV 95 K 3225
95
125
150
250
5.0
6.0
0.10
400
220
1.70
8.0
6.3
3.4
PV 95 K 4032
95
125
150
250
10.0
11.0
0.25
1,200
440
2.30
10.0
8.0
4.7
PV 115 K 3225
115
150
180
300
5.0
6.5
0.10
400
180
1.70
8.0
6.3
3.4
PV 115 K 4032
115
150
180
300
10.0
13.0
0.25
1,200
360
2.30
10.0
8.0
4.7
PV 130 K 3225
130
170
205
340
5.0
7.0
0.10
400
160
1.70
8.0
6.3
3.4
PV 130 K 4032
130
170
205
340
10.0
15.0
0.25
1,200
320
2.30
10.0
8.0
4.7
PV 140 K 3225
140
180
220
360
5.0
7.5
0.10
400
150
1.70
8.0
6.3
3.4
PV 140 K 4032
140
180
220
360
10.0
18.0
0.25
1,200
300
2.30
10.0
8.0
4.7
PV 150 K 3225
150
200
240
395
5.0
9.0
0.10
400
140
1.70
8.0
6.3
3.4
PV 150 K 4032
150
200
240
395
10.0
18.5
0.25
1,200
280
2.30
10.0
8.0
4.7
PV 175 K 3225
175
225
270
455
5.0
9.5
0.10
400
120
2.30
8.0
6.3
4.7
PV 175 K 4032
175
225
270
455
10.0
21.0
0.25
1,200
250
2.30
10.0
8.0
4.7
PV 230 K 3225
230
300
360
595
5.0
10.0
0.10
400
95
2.30
8.0
6.3
4.7
PV 230 K 4032
230
300
360
595
10.0
23.0
0.25
1,200
190
2.30
10.0
8.0
4.7
PV 250 K 3225
250
320
390
650
5.0
11.0
0.10
400
80
2.30
8.0
6.3
4.7
PV 250 K 4032
250
320
390
650
10.0
25.0
0.25
1,200
180
2.30
10.0
8.0
4.7
PV 275 K 3225
275
350
430
710
5.0
13.0
0.10
400
75
2.30
8.0
6.3
4.7
PV 275 K 4032
275
350
430
710
10.0
29.0
0.25
1,200
160
2.30
10.0
8.0
4.7
PV 300 K 3225
300
385
470
775
5.0
15.0
0.10
400
70
2.30
8.0
6.3
4.7
PV 300 K 4032
300
385
470
775
10.0
30.0
0.25
1,200
150
2.30
10.0
8.0
4.7
IC
(amps)
WMAX
(joules)
PMAX
(watts)
Part Number
VRMS
(volts)
VDC
(volts)
VC
(volts)
Device Ratings and Dimensions


Similar Part No. - PV75K4032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV75K4032 ETC2-PV75K4032 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Stackpole Electronics, ...
PV75K4032 SEI-PV75K4032 Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
PV75K4032T SEI-PV75K4032T Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
More results

Similar Description - PV75K4032

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
PV_SERIES SEI-PV_SERIES Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
logo
List of Unclassifed Man...
PV275K3225T ETC2-PV275K3225T Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Stackpole Electronics, ...
DV_SERIES SEI-DV_SERIES Datasheet
248Kb / 3P
   Low & Medium Voltage SMD Varistor
08/22/2019
logo
AVX Corporation
VJ15MA0160KBA AVX-VJ15MA0160KBA Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV
VJ14MT0950KBA AVX-VJ14MT0950KBA Datasheet
435Kb / 10P
   Glass Encapsulated SMD Varistor MLV
VJ14MT0950KBA AVX-VJ14MT0950KBA_17 Datasheet
456Kb / 12P
   Glass Encapsulated SMD Varistor MLV
logo
Stackpole Electronics, ...
CV_SERIES SEI-CV_SERIES Datasheet
1Mb / 7P
   Low and Medium Voltage Leaded Varistor
08/21/2019
CVH SEI-CVH Datasheet
258Kb / 4P
   Medium Voltage Leaded Varistor
08/09/2019
SV_SERIES SEI-SV_SERIES Datasheet
230Kb / 5P
   Special Medium Voltage Leaded Varistor
08/28/2019
ZVL SEI-ZVL Datasheet
1Mb / 6P
   Low Voltage Leaded Varistor
02/15/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com