Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A0515M-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # A0515M-1W
Description  DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A0515M-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  A0515M-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A0515M-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A0515M-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A0515M-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_M-1W&B_LM-1W
2013.08.30-A/4
Page 1 of4
FEATURES
l Efficiency up to 80%
l Miniature SIP Package Style
l Temperature Range: -40
°C to+85°C
l
Internal SMD Construction
l Industry Standard Pinout
l No Heat sink Required
l No External Component Required
l RoHS Compliance
APPLICATIONS
The A_M-1W & B_LM-1W Series are specially designed for
applications where a group of polar power supplies are
isolated from the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is fixed
(voltage variation
≤±10%);
2) Where isolation is necessary between input and output
(isolation voltage
≤1000VDC);
3) Where the regulation of the output voltage and the output
ripple noise are not demanding.
Such as: purely digital circuits, ordinary low frequency analog
circuits, and IGBT power device driving circuits.
A_M-1W & B_LM-1W Series
1W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP
PACKAGE
Patent Protection
RoHS
MODEL SELECTION
B0505LM-1W
Product Series
Input Voltage
Output Voltage
Package
Rated P ower
Product Program
Model
Input
Output
Efficiency
(%, Typ)Output
Voltage (VDC)
Voltage
(VDC)
Voltage
Voltage
Nominal
Range
(VDC)
Min
A0505M-1W
5
4.5-5.5
±5
±100
±10
70
A0509M-1W
±9
±56
±6
75
A0512M-1W
±12
±42
±5
78
A0515M-1W
±15
±33
±4
79
B0505LM-1W
5
200
20
70
B0509LM-1W
9
111
12
75
B0512LM-1W
12
83
9
79
B0515LM-1W
15
67
7
80
B0524LM-1W
24
42
5
84
A1205M-1W
12
10.8-13.2
±5
±100
±10
72
A1209M-1W
±9
±56
±6
75
A1212M-1W
±12
±42
±5
77
B1205LM-1W
5
200
20
72
B1209LM-1W
9
111
12
75
B1212LM-1W
12
83
9
77
B1215LM-1W
15
67
7
79
B1224LM-1W
24
42
5
84
A2405M-1W
24
21.6-26.4
±5
±100
±10
70
A2412M-1W
±12
±42
±5
79
A2415M-1W
±15
±33
±4
81
B2405LM-1W
5
200
20
70
B2409LM-1W
9
111
12
73
B2412LM-1W
12
83
9
75
B2415LM-1W
15
67
7
78
B2424LM-1W
24
42
5
77
Note:Models listed with strike-through text have been officially discontinued.


Similar Part No. - A0515M-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0515M-1W MORNSUN-A0515M-1W Datasheet
122Kb / 2P
   DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
More results

Similar Description - A0515M-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0505M-1W MORNSUN-A0505M-1W Datasheet
122Kb / 2P
   DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
E0305M-1W MORNSUN-E0305M-1W Datasheet
117Kb / 2P
   DUAL OUTPUT SUPERMINIATURE SIP PACKAGE
logo
Microdc power Technolog...
A-XM MICRODC-A-XM Datasheet
521Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XMS MICRODC-A-XMS Datasheet
533Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XM-1W MICRODC-A-XM-1W Datasheet
705Kb / 2P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
logo
Guangzhou Reicu Electro...
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2M-1000 REICU-K78X2M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K7803-1000 REICU-K7803-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2-2000 REICU-K78X2-2000 Datasheet
72Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
logo
MORNSUN Science& Techno...
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com