Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A0505S-1WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # A0505S-1WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A0505S-1WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  A0505S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A0505S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A0505S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A0505S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A0505S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DC/DC Converter
A_S-1W(E)R2 & B_LS-1W(E)R2 Series
2014.03.03-A/3
Page 4 of5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
A0505S-1WR2
50
55
60
65
70
75
80
85
90
95
100
Input Voltage (V)
Efficiency Vs Input Voltage (Full load)
A0505S-1WR2
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage (%)
Efficiency Vs Output Load(Vin=5V)
A2415S-1WR2
50
55
60
65
70
75
80
85
90
95
100
Input Voltage (V)
Efficiency Vs Input Voltage (Full Load)
A2415S-1WR2
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage (%)
Efficiency Vs Output Load(Vin=12V)
Design Reference
1. Typical application
If it is required to further reduce input and output ripple, a filter capacitor can be connected to the input and output terminals, see Fig.3.
Moreover, choosing suitable filter capacitor is very important, start-up problems may be caused by too large capacitance. To ensured
the modules running well, the recommended capacitive load values as shown in Table 1.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Cout
-Vo
Dual O utput
Single Ou tput
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Fig.3
Recommended capacitive load value table (Table 1)
Vin
(VDC)
Cin
(µF)
Single Vout
(VDC)
Cout
(µF)
Dual Vout
(VDC)
Cout
(µF)
3.3/5
4.7
3.3/5
10
±3.3/±5
4.7
9/12
2.2
9/12
2.2
±9/±12
1
15
2.2
15/24
1
±15/±24
0.47
24
1
--
--
--
--
It is not recommended to connect any external capacitor when
output power is less than 0.5W.
2. EMC typical recommended circuit (CLASS B)
Vin
GND
+Vo
-Vo
()
0V
DCDC
LOAD
LDM
C1
Vin
GND
C2
Fig.4
Input voltage (V)
3.3/5/9/12/15/24
EMI
C1
4.7µF /50V
C2
Refer to the Cout in Fig.3
LDM
6.8µH


Similar Part No. - A0505S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0505S-1WR2 MORNSUN-A0505S-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A0505S-1WR2 MORNSUN-A0505S-1WR2 Datasheet
265Kb / 5P
   DC/DC Converter
More results

Similar Description - A0505S-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com