Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E0515D-2WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # E0515D-2WR2
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0515D-2WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  E0515D-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0515D-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E0515D-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. E0515D-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. E0515D-2WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
E_D-2WR2 & F_D-2WR2
2013.11.14-A/0
Page 2 of5
Model
Input
Voltage(VDC)
Output
Voltage
(VDC)
Output Current
(mA)
Input Current
(mA)(Typ.)
Reflected
Ripple
Current
(mA,Typ.)
Max.
Capacitive
Load
(
µF)
Efficiency
(%)
@Max. Load
Nominal
(Range)
Max.
Min.
@Max.
Load
@No
Load
Min.
Typ.
F1205D-2WR2
12
(10.8-13.2)
5
400
40
203
15
15
220
78
82
F1209D-2WR2
9
222
22
196
81
85
F1212D-2WR2
12
167
17
203
78
82
F1215D-2WR2
15
133
13
198
80
84
F1224D-2WR2
24
83
8
194
82
86
E1505D-2WR2
15
(13.5-16.5)
±5
±200
±20
167
15
100
76
80
E1509D-2WR2
±9
±111
±11
159
80
84
E1512D-2WR2
±12
±83
±8
165
77
81
E1515D-2WR2
±15
±67
±7
157
81
85
E1524D-2WR2
±24
±42
±4
157
81
85
F1505D-2WR2
5
400
40
167
220
76
80
F1509D-2WR2
9
222
22
159
80
84
F1512D-2WR2
12
167
17
165
77
81
F1515D-2WR2
15
133
13
157
81
85
F1524D-2WR2
24
83
8
157
81
85
E2405D-2WR2
24
(21.6-26.4)
±5
±200
±20
104
8
100
76
80
E2409D-2WR2
±9
±111
±11
98
81
85
E2412D-2WR2
±12
±83
±8
100
79
83
E2415D-2WR2
±15
±67
±7
99
80
84
E2424D-2WR2
±24
±42
±4
100
79
83
F2405D-2WR2
5
400
40
104
220
76
80
F2409D-2WR2
9
222
22
99
81
84
F2412D-2WR2
12
167
17
100
79
83
F2415D-2WR2
15
133
13
99
80
84
F2424D-2WR2
24
83
8
100
79
83
Note: ①for each output.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Input Surge Voltage (1sec. Max.)
5VDC Input
-0.7
--
9
VDC
9VDC Input
-0.7
--
12
12VDC Input
-0.7
--
18
15VDC Input
-0.7
--
21
24VDC Input
-0.7
--
30
Input Filter
Capacitance
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope curve
Line Voltage Regulation
For Vin change of
±1%
--
--
±1.2
%
Load Regulation
10% to 100% load
5VDC output
--
10
--
9VDC output
--
9
--
12VDC output
--
8
--
15VDC output
--
7
--
15VDC output
--
6
--
Temperature coefficient
100% load
--
--
±0.03
%/
°C
Ripple & Noise*
20MHz Bandwidth
Output Voltage
≤12VDC
--
60
--
mVp-p
Output Voltage:15,24VDC
--
75
--


Similar Part No. - E0515D-2WR2

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
E0515D-2WR2 REICU-E0515D-2WR2 Datasheet
800Kb / 1P
   3000VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
More results

Similar Description - E0515D-2WR2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com