Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0512S-2WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # F0512S-2WR2
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

F0512S-2WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  F0512S-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. F0512S-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. F0512S-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. F0512S-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. F0512S-2WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
E_S-2WR2 & F_S-2WR2
2013.03.12-A/1
Page 3 of5
EMC RECOMMENDED CIRCUIT
EMI Typical Recommended Circuit (CLASSB):
Vin
G ND
+Vo
- Vo
(0 V)
EUT
L OAD
L DM
C1
C2
Vin
GND
(Figure 1)
Note: If there is no recommended parameters, the model no require the external
component.
Recommended typical circuit parameters:
Vin(V)
5
12/15/24
EMI
C1
4.7
µF /50V
4.7
µF /50V
C2
--
470pF/3KV
LDM
6.8
µH
6.8
µH
EMC TEST WAVEFORM (CLASS B APPLY CIRCUIT)
E2415S-2WR2
CE(Positive line)
E2415S-2WR2 CE(Negetive line)
F2405S-2WR2 CE(Positive line)
F2405S-2WR2CE(Negetive line)
PRODUCT TYPICAL CURVE
Tolerance Envel ope Curve
+10%
+5%
50
100
+2.5%
-2.5%
-7.5%
Rated
Output
Voltage
Output Cu rrent Percent(%)
Typical L
oad Line
70
(Nom inal Input Vol tage)
120
100
80
60
40
20
0
-40
0
40
85 105 120
Ambient Temp.()
Tem perature D eratingGraph
Safe Operating Area
(Figure 2)
Efficiency VS Input Voltage curve
(Full Load)
50
55
60
65
70
75
80
85
90
95
100
4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5
Input Voltage(V)
F0505S-2WR2
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
Total Output Current (%)
F0505S-2WR2


Similar Part No. - F0512S-2WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F0512S-2WR2 MORNSUN-F0512S-2WR2 Datasheet
319Kb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
F0512S-2WR2 REICU-F0512S-2WR2 Datasheet
1,006Kb / 1P
   3000VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results

Similar Description - F0512S-2WR2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com