Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D240909(N)D-1W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # D240909(N)D-1W
Description  UNREGULATED TWIN OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

D240909(N)D-1W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  D240909(N)D-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. D240909(N)D-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. D240909(N)D-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
D_(N)S-1W&D_(N)D-1W
A/4-2012
Page 3 of 3
OUTLINE DIMENSIONS & PIN CONNECTIONS
∅1.00 [0.039]
D_ ( N) D
W
-1
S e r ies
D_ ( N) S - 1 WS e r i es
4
2
5
DW
_-
S1
Vin
G ND
+Vo1
0 V1
1 2
45 6 7
1
7
11 1 09 8
14
DW
_-
NS1
Vin
G ND
+Vo1
0 V1
1
6
7
8
7
9
DW
_-
D1
NC
G ND
+ Vo2
0 V2
DW
_-
ND1
NC
GND
+ Vo2
0 V2
1
10
11
+ Vo2
0 V2
+ Vo2
0 V2
14
Vin
Vin
+Vo1
0 V1
+Vo1
0 V1
D_ (N) S - 1 WS e r i es
D_ (N) D
W
-1
S e r i es
D_ ( N) D
W
-1
S e r ies
D_ (N) S - 1 WS e r i es
L=530mm[20.866inch] Devices per tube: 25pcs
L=220mm[8.661inch]
Devices per tube: 10pcs
FOO TP RINT DE TA ILS
No te:
Un i t:mm[i n ch]
P i n se cti o n to l e r a n ce s:
0 .1 0 mm[
0 .0 0 4 i n ch]
G e n e r a l to le r a n ce s:
0 .2 5 mm[
0 .0 1 0 i n ch]
±±
±±
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:
0.50mm[
0.020inch]
±±
( B o tto m Vie w)
( Fr o n t Vie w)
P in
( B o tto m Vi e w)
( Fr o n t Vi e w)
NC: No Co n n e n cti on
FO OTP RINT DE TA ILS
P in
Note: grid 2.54*2.54mm.
12.50
[0.492]
16.50 [0.650]
3.50 [0.138]
10.50 [0.413]
12.40 [0.488]
4.90 [0.193]
16.90 [0.665]
9.60
[0.378]
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions(with six inner packaging boxes):
L*W*H =375*280*270mm;
Long tube inner packaging dimensions: L*W *H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes)
L*W*H =600*215*220mm;
Long tube outer packaging dimensions(with three inner packaging boxes)
L*W*H =600*215*325mm.
4.10 [0.161]
19.60[0.772]
1
10.10 [0.398]
2.54 [0.100]
0.50[0.020]
2
4 5 67
4.10 [0.161]
7.00 [0.276]
0.50[0.020]
2.54 [0.100]
1
11 109 8
7
14
15.24 [0.600]
20.00[0.787]
15.24 [0.600]
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed, and that will reduce the
life of product.
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
3. Only typical models listed, other models may be different, please contact our technical person for more details.
4. In this datasheet, all the test methods of indications are based on corporate standards.


Similar Part No. - D240909(N)D-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
D240909ND-1W MORNSUN-D240909ND-1W Datasheet
143Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D240909NS-1W MORNSUN-D240909NS-1W Datasheet
143Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
D240909S-1W REICU-D240909S-1W Datasheet
2Mb / 1P
   1600VDC Isolated 1W Double Output SIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
D240909S-2W MORNSUN-D240909S-2W Datasheet
248Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
D240909S-2W REICU-D240909S-2W Datasheet
1Mb / 1P
   1600VDC Isolated 2W Double Output SIP-Package
REV:3.1
More results

Similar Description - D240909(N)D-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XM MICRODC-D-XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XMS MICRODC-D-XMS Datasheet
391Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XNS-2W MICRODC-D-XNS-2W Datasheet
597Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
2D-XNS MICRODC-2D-XNS Datasheet
485Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
logo
MORNSUN Science& Techno...
D050505NS-1W MORNSUN-D050505NS-1W Datasheet
143Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D030505M-1W MORNSUN-D030505M-1W Datasheet
125Kb / 3P
   TWIN OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
2D-XS MICRODC-2D-XS Datasheet
495Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
logo
MORNSUN Science& Techno...
D050505S-2W MORNSUN-D050505S-2W Datasheet
248Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D242323S-1W3-ZK MORNSUN-D242323S-1W3-ZK Datasheet
610Kb / 4P
   TWIN OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com