Electronic Components Datasheet Search |
|
A1205S-1WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd. |
|
A1205S-1WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd. |
2 / 5 page DC/DC Converter A_S-1W(E)R2 & B_LS-1W(E)R2 Series 2014.03.03-A/3 Page 2 of5 MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation Selection Guide Part No.* Input Voltage (VDC) Output Efficiency (%, Min./Typ.) @ Full Load Max. Capacitive Load** (µF) Output Voltage (VDC) Output Current (mA) (Max./Min.) B1203LS-1WR2 10.8-13.2 (12VDC nominal) 3.3 303/31 72/76 220 B1205LS-1WR2 5 200/20 76/80 B1209LS-1WR2 9 111/11 76/80 B1212LS-1WR2 12 84/9 76/80 B1215LS-1WR2 15 67/7 76/80 B1224LS-1WR2 24 42/5 76/80 A1505S-1WR2 13.5-16.5 (15VDC nominal) ±5 ±100/±10 76/80 100 A1509S-1WR2 ±9 ±56/±6 76/80 A1512S-1WR2 ±12 ±42/±5 76/80 A1515S-1WR2 ±15 ±34/±4 76/80 A1524S-1WR2 ±24 ±21/±3 76/80 B1505LS-1WR2 5 200/20 76/80 220 B1509LS-1WR2 9 111/11 76/80 B1512LS-1WR2 12 84/9 76/80 B1515LS-1WR2 15 67/7 76/80 B1524LS-1WR2 24 42/5 76/80 A2405S-1WR2 21.6-26.4 (24VDC nominal) ±5 ±100/±10 76/80 100 A2409S-1WR2 ±9 ±56/±6 76/80 A2412S-1WR2 ±12 ±42/±5 76/80 A2415S-1WR2 ±15 ±34/±4 76/80 A2424S-1WR2 ±24 ±21/±3 76/80 B2403LS-1WR2 3.3 303/31 70/74 220 B2405LS-1WR2 5 200/20 76/80 B2409LS-1WR2 9 111/11 76/80 B2412LS-1WR2 12 84/9 76/80 B2415LS-1WR2 15 67/7 76/80 B2424LS-1WR2 24 42/5 76/80 Note: *Series with suffix "-1WER2" are EMI performance optimization model. As A0512S-1WER2,the EMI performance of such products is better than conventional models (eg A0512S-1WR2), but the short circuit performance is worse than conventional models. **The capacitive loads of positive and negative outputs are the same. Input Specifications Item Operating Conditions Min. Typ. Max. Unit Input Current (full load / no-load) 3.3V input -- 404/30 -- mA 5V input -- 256/20 -- 9V input -- 142/20 -- 12V input -- 106/15 -- 15V input -- 84/10 -- 24V input -- 54/7 -- Surge Voltage (1sec. max.) 3.3V input -0.7 -- 5 VDC 5V input -0.7 -- 9 9V input -0.7 -- 12 12V input -0.7 -- 18 15V input -0.7 -- 21 24V input -0.7 -- 30 Reflected Ripple Current -- 15 -- mA Input Filter Capacitor filter |
Similar Part No. - A1205S-1WR2 |
|
Similar Description - A1205S-1WR2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |