Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC101C021 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC101C021
Description  I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101C021 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC101C021 Datasheet HTML 3Page - Texas Instruments ADC101C021 Datasheet HTML 4Page - Texas Instruments ADC101C021 Datasheet HTML 5Page - Texas Instruments ADC101C021 Datasheet HTML 6Page - Texas Instruments ADC101C021 Datasheet HTML 7Page - Texas Instruments ADC101C021 Datasheet HTML 8Page - Texas Instruments ADC101C021 Datasheet HTML 9Page - Texas Instruments ADC101C021 Datasheet HTML 10Page - Texas Instruments ADC101C021 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ADC101C021, ADC101C027
www.ti.com
SNAS446D – FEBRUARY 2008 – REVISED FEBRUARY 2013
Electrical Characteristics (continued)
The following specifications apply for VA = +2.7V to +5.5V, GND = 0V, fSCL up to 3.4MHz, fIN = 1kHz for fSCL up to 400kHz, fIN
= 10kHz for fSCL = 3.4MHz unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
unless otherwise noted.
Typical
Limits
Symbol
Parameter
Conditions
Units (Limits)
(1)
(1)
SERIAL INTERFACE INPUT CHARACTERISTICS (SCL, SDA)
VIH
Input High Voltage
0.7 x VA
V (min)
VIL
Input Low Voltage
0.3 x VA
V (max)
IIN
Input Current (4)
±1
µA (max)
CIN
Input Pin Capacitance
3
pF
VHYST
Input Hysteresis
0.1 x VA
V (min)
ADDRESS SELECTION INPUT CHARACTERISTICS (ADDR)
VIH
Input High Voltage
VA - 0.5V
V (min)
VIL
Input Low Voltage
0.5
V (max)
IIN
Input Current (4)
±1
µA (max)
LOGIC OUTPUT CHARACTERISTICS, OPEN-DRAIN (SDA, ALERT)
ISINK = 3 mA
0.4
V (max)
VOL
Output Low Voltage
ISINK = 6 mA
0.6
V (max)
High-Impedence Output
IOZ
±1
µA (max)
Leakage Current (4)
Output Coding
Straight (Natural) Binary
POWER REQUIREMENTS
Supply Voltage Minimum
2.7
V (min)
VA
Supply Voltage Maximum
5.5
V (max)
Continuous Operation Mode -- 2-wire interface active.
VA = 2.7V to 3.6V
0.08
0.14
mA (max)
fSCL=400kHz
VA = 4.5V to 5.5V
0.16
0.30
mA (max)
IN
Supply Current
VA = 2.7V to 3.6V
0.37
0.55
mA (max)
fSCL=3.4MHz
VA = 4.5V to 5.5V
0.74
0.99
mA (max)
VA = 3.0V
0.26
mW
fSCL=400kHz
VA = 5.0V
0.78
mW
PN
Power Consumption
VA = 3.0V
1.22
mW
fSCL=3.4MHz
VA = 5.0V
3.67
mW
Automatic Conversion Mode -- 2-wire interface stopped and quiet (SCL = SDA = VA). fSAMPLE = TCONVERT * 32
VA = 2.7V to 3.6V
0.41
0.59
mA (max)
IA
Supply Current
VA = 4.5V to 5.5V
0.78
1.2
mA (max)
VA = 3.0V
1.35
mW
PA
Power Consumption
VA = 5.0V
3.91
mW
Power Down Mode (PD1) -- 2-wire interface stopped and quiet. (SCL = SDA = VA).
(4)
IPD1
Supply Current
0.1
0.2
µA (max)
PPD1
Power Consumption
0.5
0.9
µW (max)
Power Down Mode (PD2) -- 2-wire interface active. Master communicating with a different device on the bus.
VA = 2.7V to 3.6V
13
45
µA (max)
fSCL=400kHz
VA = 4.5V to 5.5V
27
80
µA (max)
IPD2
Supply Current
VA = 2.7V to 3.6V
89
150
µA (max)
fSCL=3.4MHz
VA = 4.5V to 5.5V
168
250
µA (max)
(4)
This parameter is guaranteed by design and/or characterization and is not tested in production.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC101C021 ADC101C027


Similar Part No. - ADC101C021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC101C021 NSC-ADC101C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C021 TI-ADC101C021 Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC101C021 TI1-ADC101C021 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
ADC101C021CIMK/NOPB TI1-ADC101C021CIMK/NOPB Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
ADC101C021CIMKX/NOPB TI1-ADC101C021CIMKX/NOPB Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
More results

Similar Description - ADC101C021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C021 TI1-ADC081C021_14 Datasheet
1Mb / 42P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
ADC081C027CIMK TI-ADC081C027CIMK Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
   10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC101C081 TI1-DAC101C081_16 Datasheet
1Mb / 40P
[Old version datasheet]   DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
logo
Microchip Technology
PIC16F18345 MICROCHIP-PIC16F18345 Datasheet
1Mb / 2P
   17 channel 10-bit Analog-to-Digital Converter (ADC)
10/15
logo
NXP Semiconductors
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com