Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC101C027 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC101C027
Description  I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101C027 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC101C027 Datasheet HTML 4Page - Texas Instruments ADC101C027 Datasheet HTML 5Page - Texas Instruments ADC101C027 Datasheet HTML 6Page - Texas Instruments ADC101C027 Datasheet HTML 7Page - Texas Instruments ADC101C027 Datasheet HTML 8Page - Texas Instruments ADC101C027 Datasheet HTML 9Page - Texas Instruments ADC101C027 Datasheet HTML 10Page - Texas Instruments ADC101C027 Datasheet HTML 11Page - Texas Instruments ADC101C027 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ADC101C021, ADC101C027
SNAS446D – FEBRUARY 2008 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics (continued)
The following specifications apply for VA = +2.7V to +5.5V, GND = 0V, fSCL up to 3.4MHz, fIN = 1kHz for fSCL up to 400kHz, fIN
= 10kHz for fSCL = 3.4MHz unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
unless otherwise noted.
Typical
Limits
Symbol
Parameter
Conditions
Units (Limits)
(1)
(1)
VA = 3.0V
0.04
mW
fSCL=400kHz
VA = 5.0V
0.14
mW
PPD2
Power Consumption
VA = 3.0V
0.29
mW
fSCL=3.4MHz
VA = 5.0V
0.84
mW
A.C. and Timing Characteristics
The following specifications apply for VA = +2.7V to +5.5V. Boldface limits apply for TMIN ≤ TA ≤ TMAX and all other limits are
at TA = 25°C, unless otherwise specified.
Typical
Limits
Units
Symbol
Parameter
Conditions (1)
(2)
(2) (1)
(Limits)
CONVERSION RATE
Conversion Time
1
µs
fSCL = 100kHz
5.56
ksps
fSCL = 400kHz
22.2
ksps
fCONV
Conversion Rate
fSCL = 1.7MHz
94.4
ksps
fSCL = 3.4MHz
188.9
ksps
DIGITAL TIMING SPECS (SCL, SDA)
Standard Mode
100
kHz (max)
Fast Mode
400
kHz (max)
fSCL
Serial Clock Frequency
High Speed Mode, Cb = 100pF
3.4
MHz (max)
High Speed Mode, Cb = 400pF
1.7
MHz (max)
Standard Mode
4.7
us (min)
Fast Mode
1.3
us (min)
tLOW
SCL Low Time
High Speed Mode, Cb = 100pF
160
ns (min)
High Speed Mode, Cb = 400pF
320
ns (min)
Standard Mode
4.0
us (min)
Fast Mode
0.6
us (min)
tHIGH
SCL High Time
High Speed Mode, Cb = 100pF
60
ns (min)
High Speed Mode, Cb = 400pF
120
ns (min)
Standard Mode
250
ns (min)
tSU;DAT
Data Setup Time
Fast Mode
100
ns (min)
High Speed Mode
10
ns (min)
0
us (min)
Standard Mode (3)
3.45
us (max)
0
us (min)
Fast Mode (3)
0.9
us (max)
tHD;DAT
Data Hold Time
0
ns (min)
High Speed Mode, Cb = 100pF
70
ns (max)
0
ns (min)
High Speed Mode, Cb = 400pF
150
ns (max)
Standard Mode
4.7
us (min)
Setup time for a start or a repeated
tSU;STA
Fast Mode
0.6
us (min)
start condition
High Speed Mode
160
ns (min)
Standard Mode
4.0
us (min)
Hold time for a start or a repeated start
tHD;STA
Fast Mode
0.6
us (min)
condition
High Speed Mode
160
ns (min)
Bus free time between a stop and start
Standard Mode
4.7
us (min)
tBUF
condition
Fast Mode
1.3
us (min)
(1)
Cb refers to the capacitance of one bus line. Cb is expressed in pF units.
(2)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are guaranteed to National's AOQL (Average
Outgoing Quality Level).
(3)
The ADC101C021 will provide a minimum data hold time of 300ns to comply with the I2C Specification.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC101C021 ADC101C027


Similar Part No. - ADC101C027

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC101C027 NSC-ADC101C027 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C027 TI-ADC101C027 Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC101C027 TI1-ADC101C027 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
ADC101C027CIMK/NOPB TI1-ADC101C027CIMK/NOPB Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
ADC101C027CIMKX/NOPB TI1-ADC101C027CIMKX/NOPB Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
More results

Similar Description - ADC101C027

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C021 TI1-ADC081C021_14 Datasheet
1Mb / 42P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
ADC081C027CIMK TI-ADC081C027CIMK Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
   10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC101C081 TI1-DAC101C081_16 Datasheet
1Mb / 40P
[Old version datasheet]   DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
logo
Microchip Technology
PIC16F18345 MICROCHIP-PIC16F18345 Datasheet
1Mb / 2P
   17 channel 10-bit Analog-to-Digital Converter (ADC)
10/15
logo
NXP Semiconductors
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com