Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1209 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1209
Description  Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1209 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1209 Datasheet HTML 7Page - Texas Instruments ADS1209 Datasheet HTML 8Page - Texas Instruments ADS1209 Datasheet HTML 9Page - Texas Instruments ADS1209 Datasheet HTML 10Page - Texas Instruments ADS1209 Datasheet HTML 11Page - Texas Instruments ADS1209 Datasheet HTML 12Page - Texas Instruments ADS1209 Datasheet HTML 13Page - Texas Instruments ADS1209 Datasheet HTML 14Page - Texas Instruments ADS1209 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
27W
5kW
5kW
2kW
2kW
+5V
0.1nF
+3V
+3V
0.1 F
m
0.1 F
m
0.1 F
m
±
5V
OPA2350
0.1 F
m
27W
5kW
5kW
2kW
2kW
+5V
0.1nF
±
5V
OPA2350
0.1 F
m
2nd-Order
DS
Modulator
FPGA
or
ASIC
CHA+
AVDD
CHA-
Output
Interface
Circuit
RC
Oscillator
20MHz
Out EN
Clock
Select
Divider
REFINA
Reference
Voltage
2.5V
REFOUT
OUTA
OUTB
CLKIN
AGND
AGND
AGND
AGND
BVDD
CLKOUT
BVDD
BGND
+5V
0.1 F
m
+5V
0.1 F
m
+5V
0.1 F
m
+5V
0.1 F
m
CLKSEL
AVDD
AVDD
AVDD
AVDD
2nd-Order
DS
Modulator
CHB+
CHB-
REFINB
+5V
OPA336
ADS1209
www.ti.com
SBAS491 – FEBRUARY 2010
GENERAL DESCRIPTION
The ADS1209 is a two-channel, second-order, CMOS
An application-specific integrated circuit (ASIC) or
device
with
two
delta-sigma
(
ΔΣ)
modulators,
field-programmable gate array (FPGA) can be used
designed for medium- to high-resolution A/D signal
to implement the digital filter. Alternatively, TI's
conversions from dc to 40kHz (filter response –3dB) if
AMC1210 offers four programmable digital filters that
an oversampling ratio (OSR) of 64 is chosen. The
can be used. Figure 20 and Figure 21 show typical
output of the converter (OUTx) provides a stream of
application circuits with the ADS1209 connected to an
digital ones and zeros. The time average of this serial
FPGA or ASIC.
output is proportional to the analog input voltage.
The
overall
performance
(that
is,
speed
and
The modulator shifts the quantization noise to high
accuracy) depends on the selection of an appropriate
frequencies. A low-pass digital filter should be used
OSR and filter type. A higher OSR produces greater
at the output of the
ΔΣ modulator. The filter serves
output accuracy while operating at a lower data rate.
two functions. First, it filters out high-frequency noise.
Alternatively, a lower OSR produces lower output
Second, the filter converts the 1-bit data stream at a
accuracy, but operates at a higher data rate. This
high sampling rate into a higher-bit data word at a
system allows flexibility with the digital filter design
lower rate (decimation).
and is capable of A/D conversion results that have a
dynamic range exceeding 86dB with an OSR = 256.
Figure 20. Single-Ended Connection Diagram for the ADS1209
ΔΣ Modulator
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1209


Similar Part No. - ADS1209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI-ADS1209 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209SPW TI-ADS1209SPW Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209SPW TI-ADS1209SPW Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209SPWR TI-ADS1209SPWR Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Similar Description - ADS1209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205_14 Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com