Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1220 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1220
Description  Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1220 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1220 Datasheet HTML 6Page - Texas Instruments ADS1220 Datasheet HTML 7Page - Texas Instruments ADS1220 Datasheet HTML 8Page - Texas Instruments ADS1220 Datasheet HTML 9Page - Texas Instruments ADS1220 Datasheet HTML 10Page - Texas Instruments ADS1220 Datasheet HTML 11Page - Texas Instruments ADS1220 Datasheet HTML 12Page - Texas Instruments ADS1220 Datasheet HTML 13Page - Texas Instruments ADS1220 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
-40
-20
0
20
40
60
80
100
120
Temperature (
SC)
C002
DVDD = 3.3 V
Normal Mode
-160
-140
-120
-100
-80
-60
-40
-20
0
0.1
1
10
100
1000
Frequency (kHz)
PGA = 1
PGA = 128
C016
0
200
400
600
800
1000
Initial Reference Voltage (V)
C042
Data from 5490 Devices
T
A = +25°C
2.045
2.046
2.047
2.048
2.049
2.05
2.051
-40
-20
0
20
40
60
80
100
120
Temperature (
SC)
AVDD = 3.3 V
AVDD = 5.0 V
C021
-20
-15
-10
-5
0
5
10
15
20
-100
-75
-50
-25
0
25
50
75
100
V
IN (% of FS)
PGA = 1
PGA = 32
PGA Disabled
C025
AVDD = 3.3 V
Internal Reference
Normal Mode
-20
-15
-10
-5
0
5
10
15
20
-100
-75
-50
-25
0
25
50
75
100
V
IN (% of FS)
PGA = 1
PGA = 32
PGA Disabled
C029
AVDD = 5.0 V
Internal Reference
Normal Mode
ADS1220
SBAS501A – MAY 2013 – REVISED JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = 3.3 V, and AVSS = 0 V using external VREF = 2.5 V, unless otherwise noted.
Figure 8. INTEGRAL NONLINEARITY vs
Figure 9. INTEGRAL NONLINEARITY vs
DIFFERENTIAL INPUT SIGNAL
DIFFERENTIAL INPUT SIGNAL
(AVDD = 3.3 V, Internal Reference)
(AVDD = 5.0 V, Internal Reference)
Figure 10. INTERNAL REFERENCE VOLTAGE HISTOGRAM
Figure 11. INTERNAL REFERENCE VOLTAGE vs
TEMPERATURE
Figure 12. INTERNAL OSCILLATOR ACCURACY vs
Figure 13. AVDD POWER-SUPPLY REJECTION RATIO vs
TEMPERATURE
FREQUENCY
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS1220


Similar Part No. - ADS1220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220IPW TI1-ADS1220IPW Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1220IPWR TI1-ADS1220IPWR Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1220IRVAR TI1-ADS1220IRVAR Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1220IRVAT TI1-ADS1220IRVAT Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
More results

Similar Description - ADS1220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
logo
Burr-Brown (TI)
ADS1232 BURR-BROWN-ADS1232 Datasheet
166Kb / 10P
   Ultra Low-Noise, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1255 TI1-ADS1255 Datasheet
1,000Kb / 45P
[Old version datasheet]   Very Low Noise, 24-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1256 BURR-BROWN-ADS1256 Datasheet
427Kb / 39P
   Very Low Noise, 24-Bit Analog-to-Digital Converter
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com