Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0503S-1WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # F0503S-1WR2
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

F0503S-1WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  F0503S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. F0503S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. F0503S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. F0503S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. F0503S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
E_S-1WR2 & F_S-1WR2
2013.06.18-A/3
Page 2 of5
E2412S-1WR2
24
(21.6-26.4)
±12
±42
±5
51
7
15
100
81
E2415S-1WR2
±15
±33
±4
53
79
E2424S-1WR2
±24
±21
±2
53
80
F2403S-1WR2
3.3
303
30
56
220
75
F2405S-1WR2
5
200
20
53
79
F2412S-1WR2
12
83
9
51
81
F2415S-1WR2
15
67
7
51
81
F2424S-1WR2
24
42
4
51
81
Note: ① For dual output converter, the given value is the same for each output.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Input Surge Voltage
(1sec. Max.)
3.3VDC Input
-0.7
--
5
VDC
5VDC Input
-0.7
--
9
12VDC Input
-0.7
--
18
15VDC Input
-0.7
--
21
24VDC Input
-0.7
--
30
Input Filter
Capacitance
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope curve
Line Regulation
For Vin change of
±1%
3.3VDC output
--
--
±1.5
%
Others
--
--
±1.2
Load Regulation
10% to 100% load
3.3VDC output
--
18
--
5VDC output
--
12
--
12VDC output
--
8
--
15VDC output
--
7
--
24VDC output
--
6
--
Temperature coefficient
100% load
--
--
±0.03
%/
°C
Ripple & Noise*
20MHz Bandwidth
Output Voltage
≤12VDC
--
30
--
mVp-p
Output Voltage :15VDC,24VDC
--
60
--
Short Circuit Protection*
Continuous, automatic recovery
Note:* Ripple and noise tested with
“parallel cable” method. See detailed operation instructions at DC-DC Application Notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-Output, Tested for 1 minute and leakage current less than 1 mA
3000
--
--
VDC
Isolation Resistance
Input-Output, Test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input-Output,100KHz/0.1V
--
20
--
pF
Switching Frequency
Full load, nominal input
--
100
300
KHz
MTBF
MIL-HDBK-217F@25℃
3500
--
--
K hours
Case Material
Epoxy Resin (UL94-V0)
Weight
--
2.4
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating(
≥ 85℃, see Figure 2)
-40
--
105
°C
Storage Temperature
-55
--
125
Temp. rise
Ta=25
°C,100% Load
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
Cooling
Free air convection
EMC SPECIFICATIONS
EMI
CE
CISPR22/EN55022
CLASSB(Recommended Circuit Refer to Figure1)
RE
CISPR22/EN55022
CLASSB(Recommended Circuit Refer to Figure1)


Similar Part No. - F0503S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F0503S-1WR2 MORNSUN-F0503S-1WR2 Datasheet
1Mb / 5P
   DC/DC Converter
More results

Similar Description - F0503S-1WR2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com