Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1212S-1WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # E1212S-1WR2
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E1212S-1WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  E1212S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E1212S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E1212S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. E1212S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. E1212S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
E_S-1WR2 & F_S-1WR2
2013.06.18-A/3
Page 1 of5
FEATURES
● SIP package
● Efficiency up to 81%
● High power density
● Low temperature drift
● No external component required
● 3000VDC isolation
● Operating temperature range:
-40
°C~ +105°C
● Industry standard pinout
APPLICATIONS
The E_S-1WR2 & F_S-1WR2 Series are designed
for application where isolated output is required froma
distributed power system.
These products apply to where:
1) Input voltage variation rang:
±10%Vin;
2) 3000VDC input and output isolation;
3) Regulated and low ripple noise is not required.
Such as: digital circuits, low frequency analog circuits,
and relay drive circuits.
E_S-1WR2 & F_S-1WR2 Series
1W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
Patent Protected
RoHS
PART NUMBER SYSTEM
F0505S-1WR2
Rated Power
ackage
P
Output Voltage
Input Voltage
roduct Series
P
SELECTION GUIDE
Model
Input Voltage(VDC)
Output
Voltage
(VDC)
Output Current (mA)
Input Current
(mA)(Typ.)
Reflected
Ripple
Current
(mA,Typ.)
Max.
Capacitive
Load
(
µF)
Efficiency
(%, Typ.)
@Max. Load
Nominal
(Range)
Max.
Min.
@Max.
Load
@No
Load
F0303S-1WR2
3.3
(2.97-3.63)
3.3
303
30
415
25
15
220
73
F0305S-1WR2
5
200
20
388
78
E0503S-1WR2
5
(4.5-5.5)
±3.3
±152
±15
274
20
100
73
E0505S-1WR2
±5
±100
±10
250
80
E0512S-1WR2
±12
±42
±5
250
80
E0515S-1WR2
±15
±33
±4
247
81
E0524S-1WR2
±24
±21
±2
247
81
F0503S-1WR2
3.3
303
30
267
220
75
F0505S-1WR2
5
200
20
250
80
F0512S-1WR2
12
83
9
250
80
F0515S-1WR2
15
67
7
247
81
F0524S-1WR2
24
42
5
247
81
E1203S-1WR2
12
(10.8-13.2)
±3.3
±152
±15
114
15
100
73
E1205S-1WR2
±5
±100
±10
104
80
E1212S-1WR2
±12
±42
±5
103
81
E1215S-1WR2
±15
±33
±4
103
81
F1203S-1WR2
3.3
303
30
111
220
75
F1205S-1WR2
5
200
20
104
80
F1212S-1WR2
12
83
9
104
80
F1215S-1WR2
15
67
7
103
81
E1505S-1WR2
15
(13.5-16.5)
±5
±100
±10
84
10
100
80
E1515S-1WR2
±15
±33
±4
83
81
F1505S-1WR2
5
200
20
84
220
80
F1515S-1WR2
15
67
7
83
81
E2403S-1WR2
24
(21.6-26.4)
±3.3
±152
±15
58
7
100
73
E2405S-1WR2
±5
±100
±10
53
80


Similar Part No. - E1212S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
E1212S-1WR2 MORNSUN-E1212S-1WR2 Datasheet
1Mb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
E1212S-1WR2 REICU-E1212S-1WR2 Datasheet
1Mb / 1P
   3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
More results

Similar Description - E1212S-1WR2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com