Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1505S-1WR2 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # E1505S-1WR2
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E1505S-1WR2 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  E1505S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E1505S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E1505S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. E1505S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. E1505S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
E_S-1WR2 & F_S-1WR2
2013.06.18-A/3
Page 5 of5
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specifications.
2. Max. Capacitive Load is tested at nominal input voltage and full load.
3. Unless otherwise noted, All specifications are measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load.
4. In this datasheet, all test methods are based on our corporate standards.
5. All characteristics are for listed models, and non-standard models may perform differently.Please contact our technical support for more detail.
6. Please contact our technical support for any specific requirement.
7. Specifications of this product are subject to changes without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
DESIGN CONSIDERATIONS
1) Requirement for output load
To ensure this module can operate efficiently and reliably, the minimum output load could not be less than 10% of the full load. If the actual
output power is very small, please connect a resistor to the output in parallel to increase the load.
2) Overload Protection
Under normal operating conditions, the output circuit of these products have not overload protection. The simplest method is to add a breaker
circuit in the circuit.
3) Recommended circuit
If you want to further decrease the input/output ripple, an capacitor filtering network may be connected to the input and output ends of the
DC/DC converter, refer to Figure 3.
It should also be noted that the capacitance of the capacitor must be proper. If the capacitance is too large, a startup problem might arise.For
ensuring every channel of output can providea safe and reliable operation , the recommended capacitance of the capacitor refer to Table 1.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Cout
-Vo
Dual O ut put
Sin gle Ou tput
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
(Figure 3)
EXTERNAL CAPACITOR TABLE (Table 1)
It
’s not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
4) The input and the output of the product are recommended to be connected to ceramic capacitor or electrolytic capacitor.
Using tantalum capacitor may cause risk of failure
5) It is not recommended to increase the output power capability by connecting two or more converters in parallel. The product is
not hot-swappable
Vin
(VDC)
Cin
(
µF)
Single Vo
(VDC)
Cout
(
µF)
Dual Vo
(VDC)
Cout
(
µF)
3.3/5
4.7
3.3/5
10
±3.3/±5
4.7
12
2.2
12
2.2
±12
1
15
2.2
15/24
1
±15/±24
0.47
24
1
--
--
--
--


Similar Part No. - E1505S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
E1505S-1WR2 MORNSUN-E1505S-1WR2 Datasheet
1Mb / 5P
   DC/DC Converter
More results

Similar Description - E1505S-1WR2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com