Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HK5S03BL Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # HK5S03BL
Description  APPLICATION OF INTELLIGENT PASSIVE TRANSMITTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

HK5S03BL Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  HK5S03BL Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. HK5S03BL Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
HK5S03BL
A/0-2012
Page 2 of 2
OUTLINE DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING
∅1.00 [0.039]
1
2
6
Vin
G ND
0V
+ Vo
4
P in
F unc ti on
FOO T P R IN T D E TA ILS
Note:
Unit:mm[i nch]
Pin section tol erances:
± 0.10mm[± 0.004inch]
General tolerances:
± 0.25mm[± 0.010inch]
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
L=530mm[20.866inch] Tube Quantity: 25pcs
L=220mm[8.661inch]
Tube Quantity: 10pcs
(F ront Vi ew)
(Bottom View)
1
2
6
4
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions
(with six inner packaging boxes): L*W*H=375*280*270mm;
Long tube inner packaging dimensions: L*W*H=580*200*100mm;
Long tube outer packaging dimensions
(with two inner packaging boxes):L*W*H=600*215*220mm;
Long tube outer packaging dimensions
(with three inner packaging boxes):L*W*H=600*215*325mm.
19.60 [0.772]
10.10 [0.398]
4.10 [0.161]
0.30
[0.012]
4
1
6.00 [0.236]
0.50 [0.020]
2
0.50 [0.020]
0.90 [0.035]
6
2.54 [0.100]
10.16 [0.400]
Note: grid 2.54*2.54mm.
9.60
[0.378]
4.90 [0.193]
TEST CONFIGURATIONS
Testing and application circuit
The products have been tested according to the following recommended testing circuit before leaving factory. This series should be tested under
load (See Figure 1).
DC
DC
Iin
GND
3.5-22mA
+Vo
0V
RL
5V
3mA
3.0-3.6V
Io
Vin
(Figure 1)
Note:
1. In application, the unit can be directly connected to two-wire transmitter Loop (4 ~20mA) In Series.
2. Function Of Zener Diode:
a .Voltage Collection
b. Current Distribution
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-28203030
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - HK5S03BL

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
HK5S03B MORNSUN-HK5S03B Datasheet
476Kb / 4P
   INTELLIGENT PASSIVE TRANSMITTER
HK5S03BV MORNSUN-HK5S03BV Datasheet
476Kb / 4P
   INTELLIGENT PASSIVE TRANSMITTER
More results

Similar Description - HK5S03BL

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
HK MORNSUN-HK Datasheet
476Kb / 4P
   INTELLIGENT PASSIVE TRANSMITTER
logo
Amphenol Wilcoxon Sensi...
IT301 WILCOXON-IT301 Datasheet
449Kb / 4P
   User-configurable intelligent vibration transmitter
Rev.A.1 10/18
logo
MORNSUN Science& Techno...
T1100L-F MORNSUN-T1100L-F Datasheet
265Kb / 2P
   PASSIVE LOOP-POWERED ISOLATION TRANSMITTER
logo
Renesas Technology Corp
RAJ2800034H12HPF RENESAS-RAJ2800034H12HPF Datasheet
881Kb / 29P
   Intelligent Power Device for automotive application
RAJ2800044H12HPF RENESAS-RAJ2800044H12HPF Datasheet
876Kb / 29P
   Intelligent Power Device for automotive application
RAJ2800024H11HPF RENESAS-RAJ2800024H11HPF Datasheet
869Kb / 28P
   Intelligent Power Device for automotive application
RAJ2800024H12HPF RENESAS-RAJ2800024H12HPF Datasheet
883Kb / 29P
   Intelligent Power Device for automotive application
logo
List of Unclassifed Man...
SS-300R8P ETC2-SS-300R8P Datasheet
357Kb / 7P
   One of passive Back plane.
logo
ZETTLER Electronics
R2N ZETTLER-R2N Datasheet
4Mb / 12P
   Relays of general application
R4N ZETTLER-R4N Datasheet
5Mb / 12P
   Relays of general application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com