Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HK5S05B Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # HK5S05B
Description  INTELLIGENT PASSIVE TRANSMITTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

HK5S05B Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  HK5S05B Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. HK5S05B Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. HK5S05B Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. HK5S05B Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
HK series
2013.10.09- A/3
Page 2 of4
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-Output, tested for 1 minute and leakage
current less than 1 mA
1000
--
--
VDC
Isolation Resistance
Input-Output, test at 500VDC
1000
--
--
M
Ω
Switching Frequency
100% load, Input voltage range
--
100
300
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Case Material
Plastic (UL94-V0)
Weight
HK5S03BV
--
2.9
--
g
Others
--
2.1
--
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Item
Non condensing
--
--
95
%
Storage Humidity
-40
--
85
°C
Operating Temperature
-50
--
125
Storage Temperature
Ta=25
°C
--
25
--
Temp. rise at full load
1.5mm from case for 10 seconds
--
--
300
Lead Temperature
Free air convection
PRODUCT TYPICAL CURVE
120
100
80
60
40
20
0
- 40
0
40
85 105 120
A mb ie nt Temp.()
Temperatur e Der ating Curve
Saf e Oper ating A rea
(Figure1)
DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING
(Figure 2)


Similar Part No. - HK5S05B

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
HK5S03BL MORNSUN-HK5S03BL Datasheet
181Kb / 2P
   APPLICATION OF INTELLIGENT PASSIVE TRANSMITTER
More results

Similar Description - HK5S05B

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
HK5S03BL MORNSUN-HK5S03BL Datasheet
181Kb / 2P
   APPLICATION OF INTELLIGENT PASSIVE TRANSMITTER
logo
Amphenol Wilcoxon Sensi...
IT301 WILCOXON-IT301 Datasheet
449Kb / 4P
   User-configurable intelligent vibration transmitter
Rev.A.1 10/18
logo
MORNSUN Science& Techno...
T1100L-F MORNSUN-T1100L-F Datasheet
265Kb / 2P
   PASSIVE LOOP-POWERED ISOLATION TRANSMITTER
logo
Tripp Lite. All Rights ...
B1401P1WP1 TRIPPLITE-B1401P1WP1 Datasheet
489Kb / 2P
   DVI over Cat5-Cat6 Passive Extender Wallplate Kit, Transmitter and Receiver, 1920x1080 60Hz
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
List of Unclassifed Man...
MF312 ETC2-MF312 Datasheet
66Kb / 1P
   Passive Modulartaskopfe/ Passive Modular Probes
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_09 Datasheet
2Mb / 8P
   Intelligent MP
logo
Good Will Instrument Co...
GFC-8270H GWINSTEK-GFC-8270H Datasheet
486Kb / 1P
   INTELLIGENT COUNTER
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
   Intelligent MP
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
   Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com