Selected language     English  ▼


G0509S-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part No. G0509S-1W
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo 

   
 1 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
H_S-1W & G_S-1W
2013.05.21-B/3
Page 1 of 5
H_S-1W & G_S-1W Series
1W, FIXED INPUT, ISOLATED & UNREGULATED
SINGLE / DUAL OUTPUT
Patent Protected
RoHS
PART NUMBER SYSTEM
G0505S-1W
Rated Power
ackage
P
Output Vol tage
Input Voltage
Product Series
FEATURES
● SIP package
● 6000VDC isolation
● Operating temperature range:
-40℃~+105℃
● Efficiency up to 80%
● Internal SMD construction
● No external component required
● Industry standard pinout
APPLICATIONS
The H_S-1W & G_S-1W Series are designed for
application where isolated output is required from a
distributed power system.
These products apply to where:
1)
Input voltage rang :
±10%Vin;
2)
6000VDC input and output isolation;
Such as: digital circuit, low frequency analog circuit, and
relay drive circuit.
SELECTION GUIDE
Input
Voltage(VDC)
Output Current
(mA)
Input Current (mA,Typ.)
Model
Nominal
(Range)
Output
Voltage
(VDC)
Max.
Min.
@Max. Load @No Load
Reflected
Ripple
Current
(mA,Typ.)
Max.
Capacitive
Load(
µF)
Efficiency
(%, Typ.)
Approval
H0503S-1W
3.3
303
30
278
72
H0505S-1W
5
200
20
256
78
UL
H0509S-1W
9
111
12
253
79
UL
H0512S-1W
12
84
9
253
79
UL
H0515S-1W
15
67
7
253
79
UL
H0524S-1W
24
42
4
250
80
G0505S-1W
±5
±100
±10
256
78
G0507S-1W
±7.2
±70
±7
256
78
G0509S-1W
±9
±56
±6
253
79
G0512S-1W
±12
±42
±5
253
79
G0515S-1W
5
(4.5-5.5)
±15
±33
±4
253
30
15
79
H1205S-1W
5
200
20
104
80
UL
H1207S-1W
7.2
139
14
104
80
H1209S-1W
9
111
12
102
82
UL
H1212S-1W
12
84
9
103
81
UL
H1215S-1W
15
67
7
102
82
UL
G1205S-1W
±5
±100
±10
104
80
G1207S-1W
±7.2
±70
±7
104
80
G1209S-1W
±9
±56
±6
102
82
G1212S-1W
±12
±42
±5
103
81
G1215S-1W
12
(10.8-13.2)
±15
±33
±4
102
20
5
82
H1505S-1W
5
200
20
82
80
H1509S-1W
9
111
11
82
80
G1505S-1W
±5
±100
±10
82
80
G1515S-1W
15
(13.5-16.5)
±15
±33
±4
81
15
5
81
H2403S-1W
3.3
303
30
58
72
H2405S-1W
5
200
20
52
80
H2412S-1W
12
84
9
52
80
H2415S-1W
15
67
7
52
80
G2412S-1W
24
(21.6- 26.4)
±12
±42
±5
52
10
5
220
80




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl